Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADTR1107
Data Sheet
Rev. A | Page 26 of 28
INTERFACING THE ADTR1107 TO THE ADAR1000 X BAND AND KU BAND BEAMFORMER
ADTR1107 can be interfaced to the ADAR1000 X band and Ku
band quad beamformer IC, as shown in Figure 91. Note that
only a single channel of the ADAR1000 is shown in Figure 91
and additional components have been omitted for clarity. The
ADAR1000 provides multiple bias voltages and control signals,
resulting in a glueless interface and no need for any additional
control signals to the ADTR1107. The gate voltage for the
ADTR1107 power amplifier (VGG_PA) is provided by the
ADAR1000 PA_BIAS3 pin. One of four independent negative
gate voltages is needed for power amplifier gate biasing. Each
voltage is set by an 8-bit digital-to-analog converter (DAC)
with an output voltage range of 0 V to −4.8 V. The typical gate
voltage required to bias the ADTR1107 power amplifier is −1.1 V
(see Figure 49). This voltage can be asserted by the ADAR1000
TR input pin (rising edge enables the power amplifier) or by a
serial peripheral interface (SPI) write. Asserting the ADAR1000
TR pin switches the polarity of the ADAR1000 TR_SW_NEG pin
and TR_SW_POS pin. The TR_SW_POS pin can drive the
gates of up to four switches and can be used to control the
ADTR1107 SPDT switch.
While the ADTR1107 LNA gate voltage is self biased (the
VGG_LNA pin is connected to 0 V or grounded), the voltage
can also be controlled from the ADAR1000. In this case, there
is a single LNA_BIAS voltage (0 V to −4.8 V) controlled by an
8-bit DAC that can be used to bias four ADTR1107 devices
connected to each ADAR1000.
The ADTR1107 CPLR_OUT coupler output can be tied back to
one of the four ADAR1000 RF detector inputs (DET1 to DET4).
These diode based RF detectors have an input range of −20 dBm to
+10 dBm. The coupling factor of the ADTR1107 directional
coupler ranges from 28 dB at 6 GHz to 18 dB at 18 GHz. At
12 GHz, with a coupling factor of 22 dB and a maximum power
amplifier output of 26 dBm, the coupled output power is a
maximum of 4 dBm. If the coupler output is connected directly
to the detector input, this connection provides a detection range of
24 dB. Figure 90 shows the relationship between the ADTR1107
output power and the ADC code of the ADAR1000 detector at
12 GHz. In this case, the ADTR1107 output power is swept to a
maximum level of approximately 22 dBm.
100
0.1
1
10
523
19
21
17
15
13
11
9
7
ADTR1107 OUTPUT POWER (dBm)
Figure 90. ADAR1000 RF Detector Output Code vs. ADTR1107 Output Power
at 12 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com