Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADTR1107
Data Sheet
Rev. A | Page 14 of 28
40
35
0
5
25
15
30
20
10
520
17
13
11
719
15 16
18
14
12
910
68
FREQUENCY (GHz)
8dBm
6dBm
4dBm
Figure 42. OIP3 vs. Frequency for Various POUT/Tone, Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
70
65
10
45
55
25
60
35
50
15
30
40
20
618
16
14
12
817
15
13
10
11
79
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 43. Output Second-Order Intercept (OIP2) vs. Frequency for Various
Temperatures, POUT/Tone = 8 dBm, Transmit State, Path = TX_IN to ANT,
VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off
70
65
10
45
55
25
60
35
50
15
30
40
20
618
16
14
12
817
15
13
10
11
79
FREQUENCY (GHz)
250mA
220mA
200mA
180mA
150mA
Figure 44. OIP2 vs. Frequency for Various IDQ_PA, POUT/Tone = 8 dBm,
Transmit State, Path = TX_IN to ANT, VDD_PA = 5 V, Receive State Off
70
60
0
20
40
50
10
30
48
6
57
POUT/TONE (dBm)
6GHz
8GHz
10GHz
12GHz
14GHz
16GHz
18GHz
Figure 45. Third-Order Intermodulation Distortion Relative to Carrier (IM3)
vs. POUT/Tone, Transmit State, Path = TX_IN to ANT, VDD_PA = 5 V, IDQ_PA =
220 mA, Receive State Off
70
65
10
45
55
25
60
35
50
15
30
40
20
618
16
14
12
817
15
13
10
11
79
FREQUENCY (GHz)
5.0V
4.0V
3.3V
Figure 46. OIP2 vs. Frequency for Various VDD_PA, POUT/Tone = 8 dBm,
Transmit State, Path = TX_IN to ANT, IDQ_PA = 220 mA, Receive State Off
70
65
10
45
55
25
60
35
50
15
30
40
20
618
16
14
12
817
15
13
10
11
79
FREQUENCY (GHz)
8dBm
6dBm
4dBm
Figure 47. OIP2 vs. Frequency for Various POUT/Tone, Transmit State, Path =
TX_IN to ANT, VDD_PA = 5 V, IDQ_PA = 220 mA, Receive State Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com