Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1107ACCZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADTR1107ACCZ-R7
Description  6 GHz to 18 GHz, Front-End IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTR1107ACCZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADTR1107ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADTR1107ACCZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADTR1107
Rev. A | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
1
3
4
2
GND
RX_OUT
GND
GND
5
6
TX_IN
GND
GND
14
GND
15
GND
16
GND
17
ANT
18
GND
ADTR1107
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NO INTERNAL CONNECTION.
SOLDER THESE PINS TO A LOW
IMPEDANCE GROUND PLANE.
2. EXPOSED PAD. MUST BE CONNECTED
TO RF/DC GROUND.
Figure 2. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 6, 11, 13
to 16, 18, 22
GND
Ground. Solder these pins to a low impedance ground plane.
2
RX_OUT
Receive Path Output. This pin is dc-coupled to ground and ac matched to 50 Ω.
5
TX_IN
Transmit Path Input. This pin is dc-coupled to ground and ac matched to 50 Ω.
7
VGG_PA
Power Amplifier Gate Bias. This pin is used to set the desired quiescent current of the amplifier.
8
VDD_PA
Power Amplifier Drain Bias Voltage.
9, 10
NIC
No Internal Connection. Solder these pins to a low impedance ground plane.
12
CPLR_OUT
Transmit Path Coupled Port. This port is used in connection with a detector to monitor transmitted power.
17
ANT
RF Common Port. This pin is dc-coupled to 0 V and ac matched to 50 Ω.
19
VDD_SW
SPDT Switch Positive Bias Voltage.
20
CTRL_SW
Switch Digital Control. This pin controls the state of the SPDT switch.
21
VSS_SW
SPDT Switch Negative Bias Voltage.
23
VGG_LNA
LNA Gate Voltage Bias. This pin is used to set the desired quiescent current of the LNA. If this pin is
supplied with 0 V or is connected to ground, the LNA runs in self bias mode at a typical current of 80 mA.
24
VDD_LNA
LNA Drain Voltage Bias.
EPAD
Exposed Pad. Must be connected to RF/dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com