Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 17Page - Microchip Technology EMC1702 Datasheet HTML 18Page - Microchip Technology EMC1702 Datasheet HTML 19Page - Microchip Technology EMC1702 Datasheet HTML 20Page - Microchip Technology EMC1702 Datasheet HTML 21Page - Microchip Technology EMC1702 Datasheet HTML 22Page - Microchip Technology EMC1702 Datasheet HTML 23Page - Microchip Technology EMC1702 Datasheet HTML 24Page - Microchip Technology EMC1702 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
21
DS20006455A
Chapter 4 General Description
The EMC1702 is a combination high-side current sensing device with precision voltage and
temperature measurement capabilities. It measures the voltage developed across an external sense
resistor to represent the high-side current of a battery or voltage regulator. The EMC1702 also
measures the source voltage and uses these measured values to present a proportional power
calculation. The EMC1702 contains additional bi-directional peak detection circuitry to flag
instantaneous current spikes with programmable time duration and magnitude threshold. Finally, the
EMC1702 includes an external diode channel for temperature measurement as well as an internal
diode for ambient temperature measurements.
The EMC1702 current-sense measurement converts differential input voltage measured across an
external sense resistor to a proportional output voltage. This voltage is digitized using a variable
resolution (13-bit to 15-bit) Sigma-Delta ADC and transmitted via the SMBus or I2C protocol. The
current range allows for large variations in measured current with high accuracy and low voltage drop
across the resistor.
The supply voltage is also measured and stored. When combined with the sense resistor voltage
measurement the power provided from the source can be determined. Programmable limits on both
voltage and current levels are used to generate an interrupt.
The EMC1702 has two levels of monitoring. The first provides a maskable ALERT signal to the host
when the measured temperatures or voltages meet or exceed user programmable limits. This allows
the EMC1702 to be used as an independent thermal watchdog to warn the host of temperature hot
spots without direct control by the host. The second level of monitoring provides a non maskable
interrupt on the THERM pin if the measured values meet or exceed a second programmable limit.
The temperature measurement includes advanced features such as Resistance Error Correction
(REC), Beta Compensation (to support CPU diodes requiring the BJT/transistor model including 45nm
and 65nm processors) and automatic diode type detection. These features combine to provide a robust
solution for complex environmental monitoring applications.
A system diagram is shown in Figure 4.1.
Figure 4.1 EMC1702 System Diagram
EMC1702
Host
DP
DN
SMDATA
SMCLK
ALERT
2N3904 typ.
THERM
VDD
ADDR_SEL
TH_SEL
DUR_SEL
GND
VDD
*
* Can either be DC Supply voltage or a separate supply
DC Load
DC Supply
Sense Resistor
SENSE-
SENSE+
3.0V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com