Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 36 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 36 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 32Page - Microchip Technology EMC1702 Datasheet HTML 33Page - Microchip Technology EMC1702 Datasheet HTML 34Page - Microchip Technology EMC1702 Datasheet HTML 35Page - Microchip Technology EMC1702 Datasheet HTML 36Page - Microchip Technology EMC1702 Datasheet HTML 37Page - Microchip Technology EMC1702 Datasheet HTML 38Page - Microchip Technology EMC1702 Datasheet HTML 39Page - Microchip Technology EMC1702 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
EMC1702
DS20006455A
36
2020 Microchip Technology Inc.
‘0’ (default) - REC is enabled for External Diode 1.
‘1’ - REC is disabled for External Diode 1.
Bit 2 - IMEAS / STOP - Controls VSENSE and VSOURCE measurement modes.
‘0’ (default) - The device is measuring source voltage and sense voltage.
‘1’ -The device is not measuring the source voltage and sense voltage. It will update VSENSE and
VSOURCE registers when a One-Shot command is given.
Bit 1 - DAVG_DIS - Disables the dynamic averaging feature on all temperature channels.
‘0’ (default) - The dynamic averaging feature is enabled. All temperature channels will be converted
with an averaging factor that is based on the conversion rate as shown in Table 4.3.
‘1’ - The dynamic averaging feature is disabled. All temperature channels will be converted with a
maximum averaging factor of 1x (equivalent to 11-bit conversion).
5.6
Conversion Rate Register
The Conversion Rate Register controls how often the VSOURCE and temperature measurement
channels are updated and compared against the limits. This register is fully accessible at either
address.
Bits 2-0 - T_CONV[2:0] - Determines the conversion rate as shown in Table 5.7. This conversion rate
applies to temperature measurement and source voltage measurement.
Table 5.6 Conversion Rate Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
04h
R/W
Conversion
Rate
-
-
-
-
T_CONV[2:0]
06h
(4/sec)
0Ah
Table 5.7 Conversion Rate
T_CONV[2:0]
CONVERSION RATE
2
1
0
0
0
0
1 per 16 sec
0
0
1
1 per 8 sec
0
1
0
1 per 4 sec
0
1
1
1 per 2 sec
1
0
0
1 per sec
1
0
1
2 per sec
1
1
0
4 per sec (default)
1
1
1
8 per sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com