Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 33 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 33 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 29Page - Microchip Technology EMC1702 Datasheet HTML 30Page - Microchip Technology EMC1702 Datasheet HTML 31Page - Microchip Technology EMC1702 Datasheet HTML 32Page - Microchip Technology EMC1702 Datasheet HTML 33Page - Microchip Technology EMC1702 Datasheet HTML 34Page - Microchip Technology EMC1702 Datasheet HTML 35Page - Microchip Technology EMC1702 Datasheet HTML 36Page - Microchip Technology EMC1702 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
33
DS20006455A
5.1
Data Read Interlock
When any measurement channel high byte register is read (temperature or VSOURCE or VSENSE), the
corresponding low byte is copied into an internal ‘shadow’ register. The user is free to read the low
byte at any time and be guaranteed that it will correspond to the previously read high byte. Regardless
if the low byte is read or not, reading from the same high byte register again will automatically refresh
this stored low byte data.
5.2
Block Mode Support
All of the status and temperature data may be retrieved with a block read of 8 bytes starting at register
address 34h.
All of the voltage measurement, current sense data, and power information may be retrieved with a
block read of 6 bytes starting at register address 54h.
5.3
Temperature Data Registers
66h
R/W
Sense Voltage Vcrit
Limit
Stores the critical limit for VSENSE
7Fh
Page 51
68h
R/W
Source Voltage Vcrit
Limit
Stores the critical limit for the
voltage on the source side of
RSENSE
FFh
Page 51
69h
R/W
Sense Vcrit
Hysteresis
Stores the hysteresis for the
VSENSE Vcrit limit
0Ah
Page 51
6Ah
R/W
Source Voltage Vcrit
Hysteresis
Stores the hysteresis for the
source voltage Vcrit limits
0Ah
Page 51
FCh
R
Product Features
Stores information about which pin
controlled product features are set
00h
Page 51
FDh
R
Product ID
Stores a fixed value that identifies
each product
39h
Page 52
FEh
R
Microchip ID
Stores a fixed value that
represents Microchip
5Dh
Page 55
FFh
R
Revision
Stores a fixed value that
represents the revision number
82h
Page 52
Table 5.2 Temperature Data Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R
Internal Diode
High Byte
Sign
64
32
16
8
4
2
1
00h
38h
29h
R
Internal Diode
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
39h
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com