Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 17 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 17 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 13Page - Microchip Technology EMC1702 Datasheet HTML 14Page - Microchip Technology EMC1702 Datasheet HTML 15Page - Microchip Technology EMC1702 Datasheet HTML 16Page - Microchip Technology EMC1702 Datasheet HTML 17Page - Microchip Technology EMC1702 Datasheet HTML 18Page - Microchip Technology EMC1702 Datasheet HTML 19Page - Microchip Technology EMC1702 Datasheet HTML 20Page - Microchip Technology EMC1702 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
17
DS20006455A
All SMBus Data bytes are sent most significant bit first and composed of 8-bits of information.
3.1.3
SMBus ACK and NACK Bits
The SMBus client will acknowledge all data bytes that it receives (as well as the client address if it
matches and the ARA address if the ALERT pin is asserted). This is done by the client device pulling
the SMBus Data line low after the 8th bit of each byte that is transmitted.
The host will NACK (not acknowledge) the data received from the client by holding the SMBus data
line high after the 8th data bit has been sent.
3.1.4
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the SMBus Data line from a logic ‘0’ state to a logic
‘1’ state while the SMBus clock line is in a logic ‘1’ state. When the EMC1702 detects an SMBus Stop
bit, and it has been communicating with the SMBus protocol, it will reset its client interface and prepare
to receive further communications.
3.1.5
SMBus Time-out
The EMC1702 includes an SMBus time-out feature. Following a 30ms period of inactivity on the
SMBus, the device will time-out and reset the SMBus interface.
The time-out functionality defaults to disabled and can be enabled by writing to the TIMEOUT bit (see
Section 5.12).
3.1.6
SMBus and I2C Compliance
The major differences between SMBus and I2C devices are highlighted here. For complete compliance
information, refer to the SMBus 2.0 specification.
1. Minimum frequency for SMBus communications is 10kHz.
2. The client protocol will reset if the clock is held at a logic ‘0’ for longer than 30ms. This time-out
functionality is disabled by default.
3. The client protocol will reset if both the clock and data lines are held at a logic ‘1’ for longer than
150us. This function is disabled by default.
4. I2C devices do not support the Alert Response Address functionality (which is optional for SMBus).
560
1001_001(r/w)
9100
0101_100(r/w)
750
1001_010(r/w)
20000
0101_101(r/w)
1270
1001_011(r/w)
Open
0011_000(r/w)
Table 3.1 ADDR_SEL Resistor Setting (continued)
RESISTOR (5%)
SMBUS ADDRESS
RESISTOR (5%)
SMBUS ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com