Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 32 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 32 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 28Page - Microchip Technology EMC1702 Datasheet HTML 29Page - Microchip Technology EMC1702 Datasheet HTML 30Page - Microchip Technology EMC1702 Datasheet HTML 31Page - Microchip Technology EMC1702 Datasheet HTML 32Page - Microchip Technology EMC1702 Datasheet HTML 33Page - Microchip Technology EMC1702 Datasheet HTML 34Page - Microchip Technology EMC1702 Datasheet HTML 35Page - Microchip Technology EMC1702 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
EMC1702
DS20006455A
32
2020 Microchip Technology Inc.
37h
R-C
Crit Limit Status
Status bits for the Tcrit and Vcrit
Limits
00h
Page 43
38h
R
Internal Diode High
Byte
Stores the integer data for the
Internal Diode
00h
Page 33
39h
R
Internal Diode Low
Byte
Stores the fractional data for the
Internal Diode
00h
Page 33
3Ah
R
External Diode 1
High Byte
Stores the integer data for External
Diode 1
00h
Page 33
3Bh
R
External Diode 1 Low
Byte
Stores the fractional data for
External Diode 1
00h
Page 33
40h
R/W
Averaging Control
Controls the digital averaging
setting for the all external diode
channels
00h
Page 44
Current Sense Control and Measurement
50h
R/W
Voltage Sampling
Configuration
Controls voltage sampling
80h
Page 44
51h
R/W
Current Sense
Sampling
Configuration
Controls the current sensing
sampling and update times
03h
Page 45
52h
R/W
Peak Detection
Config
Controls the peak detection
configuration
00h
Page 47
54h
R
Sense Voltage High
Byte
Stores the voltage measured
across RSENSE
00h
Page 49
55h
R
Sense Voltage Low
Byte
00h
Page 49
58h
R
Source Voltage High
Byte
Stores voltage measured on the
source side of RSENSE
00h
Page 49
59h
R
Source Voltage Low
Byte
00h
Page 49
5Bh
R
Power Ratio High
Byte
Stores the power ratio value
00h
Page 50
5Ch
R
Power Ratio Low
Byte
00h
Page 50
Current Sense and Source Voltage Limits
60h
R/W
Sense Voltage High
Limit
Stores the high limit for VSENSE
7Fh
Page 50
61h
R/W
Sense Voltage Low
Limit
Stores the low or negative limit for
the VSENSE voltage
80h
Page 50
64h
R/W
Source Voltage High
Limit
Stores the high limit for the voltage
on the source side of RSENSE
FFh
Page 51
65h
R/W
Source Voltage Low
Limit
Stores the low limit for the voltage
on the source side of RSENSE
00h
Page 51
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com