Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 49 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 49 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 45Page - Microchip Technology EMC1702 Datasheet HTML 46Page - Microchip Technology EMC1702 Datasheet HTML 47Page - Microchip Technology EMC1702 Datasheet HTML 48Page - Microchip Technology EMC1702 Datasheet HTML 49Page - Microchip Technology EMC1702 Datasheet HTML 50Page - Microchip Technology EMC1702 Datasheet HTML 51Page - Microchip Technology EMC1702 Datasheet HTML 52Page - Microchip Technology EMC1702 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
49
DS20006455A
5.22 Sense Voltage Registers
The Sense Voltage registers store the measured VSENSE voltage across the sense resistor (RSENSE)
placed between the SENSE+ and SENSE- pins (see Section 4.1.1, "Current Measurement"). Note that
the bit weighting values are for representation of the voltage relative to full scale. There is no internal
scaling of data and all normal binary bit weightings still apply.
The Sense Voltage register data format is standard 2’s complement format with the positive full scale
value (7F_Fh) and negative full scale value (80_0h) equal to the programmed maximum sense voltage
(see Section 5.20, "Current Sense Sampling Configuration Register").
The Sign bit indicates the direction of current flow. If the Sign bit is ‘0’, current is flowing through
RSENSE from the SENSE+ pin to the SENSE- pin. If the Sign bit is ‘1’, the current is flowing through
RSENSE from the SENSE- pin to the SENSE+ pin. See Section 4.1.1, "Current Measurement" for
examples.
5.23 Source Voltage Registers
Table 5.36 Sense Voltage Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
54h
R
Sense Voltage
High Byte
Sign
1024
512
256
128
64
32
16
00h
55h
R
Sense Voltage
Low Byte
8
4
2
1
00h
Table 5.37 VSENSE Data Format
VSENSE
BINARY
HEX (AS READ BY REGISTERS)
Minus Full Scale
1000_0000_0000
80_0h
-2 LSB
1111_1111_1110
FF_Eh
-1 LSB
1111_1111_1111
FF_Fh
Zero
0000_0000_0000
00_0h
+1 LSB
0000_0000_0001
00_1h
+2 LSB
0000_0000_0010
00_2h
Plus Full Scale
0111_1111_1111
7F_Fh
Table 5.38 Source Voltage Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
58h
R
VSOURCE
High Byte
12
6
3
1.5
0.75
0.375
0.1875
0.0938
00h
59h
R
VSOURCE
low Byte
0.0469
0.0234
0.0117
-
-
-
-
-
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com