Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 40 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 40 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 36Page - Microchip Technology EMC1702 Datasheet HTML 37Page - Microchip Technology EMC1702 Datasheet HTML 38Page - Microchip Technology EMC1702 Datasheet HTML 39Page - Microchip Technology EMC1702 Datasheet HTML 40Page - Microchip Technology EMC1702 Datasheet HTML 41Page - Microchip Technology EMC1702 Datasheet HTML 42Page - Microchip Technology EMC1702 Datasheet HTML 43Page - Microchip Technology EMC1702 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
EMC1702
DS20006455A
40
2020 Microchip Technology Inc.
Bits 3-1 - CALRT[2:0] - Determines the number of consecutive measurements that must have an out-
of-limit condition or diode fault before the ALERT pin is asserted. All temperature channels use this
value to set the respective counters. The bits are decoded as shown in Table 5.14. The default setting
is 1 consecutive out-of-limit conversion.
5.13 Beta Configuration Registers
This register is used to set the Beta Compensation factor that is used for the external diode channels.
Bit 4 - AUTO - Enables the Beta Compensation factor autodetection function.
‘0’ - The Beta Compensation Factor autodetection circuitry is disabled. The External Diode will
always use the Beta Compensation factor set by the BETAx[3:0] bits.
‘1’ (default) - The Beta Compensation factor autodetection circuitry is enabled. At the beginning of
every conversion, the optimal Beta Compensation factor setting will be determined and applied.
The BETAx[3:0] bits will be automatically updated to indicate the current setting.
Bit 3-0 - BETA[3:0] - These bits always reflect the current beta configuration settings. If autodetection
circuitry is enabled, these bits will be updated automatically and writing to these bits will have no effect.
If the autodetection circuitry is disabled, these bits will determine the beta configuration setting that is
used for their respective channels.
Care should be taken when setting the BETA1[3:0] bits when the autodetection circuitry is disabled. If
the Beta Compensation factor is set at a beta value that is higher than the transistor beta, the circuit
may introduce measurement errors. When measuring a discrete thermal diode (such as 2N3904) or a
CPU diode that functions like a discrete thermal diode (such as an AMD processor diode), the
BETA1[3:0] bits should be set to ‘1111b’.
Table 5.14 Consecutive ALERT / THERM Settings
2
1
0
NUMBER OF CONSECUTIVE OUT-OF-LIMIT
MEASUREMENTS
0
0
0
1
(default for CALRT[2:0])
0
0
1
2
0
1
1
3
1
1
1
4
(default for CTHRM[2:0])
Table 5.15 Beta Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
25h
R/W
External
Diode 1 Beta
Configuration
-
-
-
AUTO1
BETA1[3:0]
10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com