Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 35Page - Microchip Technology EMC1702 Datasheet HTML 36Page - Microchip Technology EMC1702 Datasheet HTML 37Page - Microchip Technology EMC1702 Datasheet HTML 38Page - Microchip Technology EMC1702 Datasheet HTML 39Page - Microchip Technology EMC1702 Datasheet HTML 40Page - Microchip Technology EMC1702 Datasheet HTML 41Page - Microchip Technology EMC1702 Datasheet HTML 42Page - Microchip Technology EMC1702 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
39
DS20006455A
‘1’ - The VSENSE voltage channel will not cause the ALERT pin to be asserted (if enabled).
Bit 6 - VSRC_MASK - Masks the ALERT pin from asserting when the VSOURCE value meets or
exceeds the high limit or drops below the low limit. This bit will have no effect on the THERM pin
functionality.
‘0’ (default) - The VSOURCE voltage channel will cause the ALERT pin to be asserted (if enabled).
‘1’ - The VSOURCE voltage channel will not cause the ALERT pin to be asserted (if enabled).
BIt 5 - PEAK_MASK - Masks the ALERT pin from asserting when the Peak Detector circuitry detects
a current spike. This bit will have no effect on the THERM pin functionality.
‘0’ (default) - The Peak Detector circuitry will cause the ALERT pin to be asserted (if enabled).
‘1’ - The Peak Detector circuitry will not cause the ALERT pin to be asserted (if enabled).
Bit 1 - E1MASK - Masks the ALERT pin from asserting when the External Diode 1 channel is out-of-
limit or reports a diode fault.
‘0’ (default) - The External Diode 1 channel will cause the ALERT pin to be asserted if it is out-of-
limit or reports a diode fault.
‘1’ - The External Diode 1 channel will not cause the ALERT pin to be asserted if it is out-of-limit
or reports a diode fault.
Bit 0 - INTMASK - Masks the ALERT pin from asserting when the Internal Diode temperature is out-
of-limit.
‘0’ (default) - The Internal Diode channel will cause the ALERT pin to be asserted if it is out-of-limit.
‘1’ - The Internal Diode channel will not cause the ALERT pin to be asserted if it is out-of-limit.
5.12 Consecutive Alert Register
The Consecutive Alert Register determines how many times an out-of-limit error or diode fault must
be detected in consecutive measurements before the interrupt status registers are asserted. This
applies to temperature limits only. The voltage measurement and current sense measurements are
controlled via the Voltage Channel Configuration register and Current Sense Configuration register
respectively (see Section 5.19 and Section 5.20).
When the ALERT pin is configured as a comparator, the consecutive alert counter will ignore diode
fault and low limit errors and only increment if the measured temperature meets or exceeds the High
Limit.
Each measurement channel has a separate fault queue associated with the high limit, low limit, and
diode fault condition except the internal diode.
Bit 7 - TIMEOUT - Determines whether the SMBus Timeout function is enabled.
‘0’ (default) - The SMBus Timeout feature is disabled. The SMCLK line can be held low indefinitely
without the device resetting its SMBus protocol.
‘1’ - The SMBus Timeout feature is enabled. If the SMCLK line is held low for more than 30ms,
the device will reset the SMBus protocol.
Bits 6-4 - CTHRM[2:0] - Determines the number of consecutive measurements that must exceed the
corresponding Tcrit Limit before the THERM pin is asserted.
Table 5.13 Consecutive Alert Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
22h
R/W
Consecutive
Alert
TIME
OUT
CTHRM[2:0]
CALRT[2:0]
-
70h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com