Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 30Page - Microchip Technology EMC1702 Datasheet HTML 31Page - Microchip Technology EMC1702 Datasheet HTML 32Page - Microchip Technology EMC1702 Datasheet HTML 33Page - Microchip Technology EMC1702 Datasheet HTML 34Page - Microchip Technology EMC1702 Datasheet HTML 35Page - Microchip Technology EMC1702 Datasheet HTML 36Page - Microchip Technology EMC1702 Datasheet HTML 37Page - Microchip Technology EMC1702 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
EMC1702
DS20006455A
34
2020 Microchip Technology Inc.
As shown in Table 5.2, temperature data is stored as an 11-bit value with the high byte representing
the integer value and the low byte representing the fractional value left justified to occupy the MSBits.
5.4
Status Register
The Status Register reports general error conditions. To identify specific channels, refer to
Section 5.10, Section 5.15, Section 5.16, and Section 5.17. The individual Status Register bits are
cleared when the appropriate High Limit, Low Limit, or Crit Limit status register has been read or
cleared.
01h
R
External Diode
1 High Byte
Sign
64
32
16
8
4
2
1
00h
3Ah
10h
R
External Diode
1 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
3Bh
Table 5.3 Temperature Data Format
TEMPERATURE (°C)
BINARY
HEX (AS READ BY REGISTERS)
Diode Fault
1000_0000_000b
80_00h
-63.875
1100_0000_001b
C0_20h
-63
1100_0001_000b
C1_00h
-1
1111_1111_000b
FF_00h
-0.125
1111_1111_111b
FF_E0h
0
0000_0000_000b
00_00h
0.125
0000_0000_001b
00_20h
1
0000_0001_000b
01_00h
63
0011_1111_000b
3F_00h
64
0100_0000_000b
40_00h
65
0100_0001_000b
41_00h
127
0111_1111_000b
7F_00h
127.875
0111_1111_111b
7F_E0h
Table 5.4 Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
02h
R
Status
BUSY
PEAK
-
HIGH
LOW
FAULT
CRIT
-
00h
34h
Table 5.2 Temperature Data Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com