Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 13 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 13 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 9Page - Microchip Technology EMC1702 Datasheet HTML 10Page - Microchip Technology EMC1702 Datasheet HTML 11Page - Microchip Technology EMC1702 Datasheet HTML 12Page - Microchip Technology EMC1702 Datasheet HTML 13Page - Microchip Technology EMC1702 Datasheet HTML 14Page - Microchip Technology EMC1702 Datasheet HTML 15Page - Microchip Technology EMC1702 Datasheet HTML 16Page - Microchip Technology EMC1702 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
13
DS20006455A
CURRENT SENSE
Common Mode
Voltage
VCM
3
24
V
Voltage on SENSE+ and/or
SENSE- pins, referenced to
Ground
Differential Mode
Voltage
VDIFF
-6
+6
V
Voltage between SENSE+ and
SENSE- pins
Full Scale Range (±)
(see Section 5.20)
FSR
0
10
mV
1 LSB = 4.885uV
0
20
mV
1 LSB = 9.77uV
0
40
mV
1 LSB = 19.54uV
0
80
mV
1 LSB = 39.08uV
Total Measurement
Error (±)
VSENSE
_ERR
0.5
1
%
Total Error, FSR = 80mV
3
%
Total Error, FSR = 10mV to
40mV
Offset Error (±)
VSENSE
_OFF
3
LSB
Offset Error, FSR = 80mV
Power Supply
Rejection
VSENSE
_PSR
-120
dB
FSR = 10mV to 80mV,
3V < VDD < 24V
Common Mode
Rejection
VSENSE
_CMR
-110
dB
FSR = 10mV to 80mV,
3V < VBUS < 24V
SOURCE VOLTAGE
Full Scale Voltage
FSV
3
23.9883
V
Voltage on SENSE+ pin
Total Measurement
Error (±)
(see Section 4.1.2)
VSOURCE
_ERR
0.2
0.5
%
POWER RATIO
Full Scale Range
0
100
%
1 LSB = 1.53m%
Total Measurement
Error (±)
PRATIO
_ERR
1.6
%
FSR = 80mV
3
%
FSR = 10mV to 40mV
CURRENT SENSE PEAK DETECTION
Peak Detector
Threshold Range
VTH
10
85
mV
Programmable via TH_SEL pin
Peak Detector
Duration Range
TDUR
1
4096
ms
Programmable via DUR_SEL
pin
VSENSE Peak
Detection
tFILTER
5
us
Table 2.2 Electrical Specifications (continued)
VDD = VBUS = 3V TO 24V, VPULLUP = 3V TO 5.5V, TA = -40°C TO 85°C,
ALL TYPICAL VALUES AT VDD = VPULLUP = 3.3V, VBUS = 12V, AND TA = 27°C UNLESS OTHERWISE NOTED.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com