Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 24 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 24 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 20Page - Microchip Technology EMC1702 Datasheet HTML 21Page - Microchip Technology EMC1702 Datasheet HTML 22Page - Microchip Technology EMC1702 Datasheet HTML 23Page - Microchip Technology EMC1702 Datasheet HTML 24Page - Microchip Technology EMC1702 Datasheet HTML 25Page - Microchip Technology EMC1702 Datasheet HTML 26Page - Microchip Technology EMC1702 Datasheet HTML 27Page - Microchip Technology EMC1702 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
EMC1702
DS20006455A
24
2020 Microchip Technology Inc.
Full Scale Power can be calculated from:
Actual power drawn from the source can be calculated using:
For example: Suppose that the actual source voltage is 10.65V and the source current through a 10m
resistor is 1.65A. The FSC value is 2A per Equation [1]; thus, the expected power is 17.573W which
is 36.6% of the FSP value.
Reading the Power Ratio Registers will report PRATIO as 24,003d (0101_1101_1100_0011b or
5D_C3h), which is 36.6% of the full scale source power. This results in a calculated source power of
17.6W.
4.1.4
Current Peak Detection
The EMC1702 includes a hardware set instantaneous current peak detector. The peak detector
threshold and duration values may also be set via the SMBus.
The peak detector supports detection of current spikes that occur faster than the minimum current
sensing conversion time. This allows quick reaction to events requiring system-level response. The
circuitry compares the measured current against a user-defined threshold value and user-defined time
duration. If the measured current exceeds the threshold, an internal timer is started. If the timer
reaches the programmed duration, the THERM pin is asserted (see Figure 4.2 for an example of peak
current detection) and the PEAK status bit set.
The THERM pin will remain asserted until the Peak is no longer detected at which point it will be
released. The PEAK status bit will likewise be cleared.
The Peak Detection circuitry may also assert the ALERT pin. In this case, the ALERT pin must be
configured to operate in Comparator mode. If the ALERT pin is configured to operate in Interrupt mode,
the Peak Detection circuitry will not cause the ALERT pin to be asserted.
The Peak Detection circuitry includes filtering (tFILTER). When the instantaneous current exceeds the
threshold, it must drop below the threshold for a period of time greater than tFILTER before the timer is
reset. The Peak Detection circuitry works for current flowing in either direction through the sense
resistor (RSENSE).
APPLICATION NOTE: The Peak Detector circuitry works independently of the current measurement integration.
where:
[5]
FSP is the Full-Scale Power
FSC is the Full-Scale Current (from
Equation [1])
FSV is the Full-Scale Voltage (from
Equation [3])
where:
[6]
PSOURCE is the actual power
provided by the source
measured at SENSE+
FSP is the Full-Scale Power
(from Equation [5])
PRATIO is the value read from
the Power Ratio Registers
(see Section 5.24)
FSP
FSC
FSV
=
PSOURCE FSP
PRATIO
65 535
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com