Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1702 Datasheet(PDF) 41 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 41 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 37Page - Microchip Technology EMC1702 Datasheet HTML 38Page - Microchip Technology EMC1702 Datasheet HTML 39Page - Microchip Technology EMC1702 Datasheet HTML 40Page - Microchip Technology EMC1702 Datasheet HTML 41Page - Microchip Technology EMC1702 Datasheet HTML 42Page - Microchip Technology EMC1702 Datasheet HTML 43Page - Microchip Technology EMC1702 Datasheet HTML 44Page - Microchip Technology EMC1702 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
41
DS20006455A
5.14 External Diode Ideality Factor Registers
These registers store the ideality factors that are applied to the external diodes. Table 5.18 defines
each setting and the corresponding ideality factor. Beta Compensation and Resistance Error Correction
automatically correct for most diode ideality errors; therefore, it is not recommended that these settings
be updated without consulting Microchip.
Table 5.16 Beta Compensation
AUTO
BETA1[3:0]
MINIMUM BETA
3
2
1
0
0
0
0
0
0
0.050
0
0
0
0
1
0.066
0
0
0
1
0
0.087
0
0
0
1
1
0.114
0
0
1
0
0
0.150
0
0
1
0
1
0.197
0
0
1
1
0
0.260
0
0
1
1
1
0.342
0
1
0
0
0
0.449
0
1
0
0
1
0.591
0
1
0
1
0
0.778
0
1
0
1
1
1.024
0
1
1
0
0
1.348
0
1
1
0
1
1.773
0
1
1
1
0
2.333
0
1
1
1
1
Disabled
1
X
X
X
X
Automatically detected
Table 5.17 Ideality Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R/W
External
Diode 1
Ideality
Factor
-
-
0
1
0
IDCF1[2:0]
12h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com