Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8496 Datasheet HTML 1Page - National Semiconductor (TI) DP8496 Datasheet HTML 2Page - National Semiconductor (TI) DP8496 Datasheet HTML 3Page - National Semiconductor (TI) DP8496 Datasheet HTML 4Page - National Semiconductor (TI) DP8496 Datasheet HTML 5Page - National Semiconductor (TI) DP8496 Datasheet HTML 6Page - National Semiconductor (TI) DP8496 Datasheet HTML 7Page - National Semiconductor (TI) DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Table of Contents
10 OVERVIEW
20 PIN DESCRIPTION
30 REGISTER LIST
31 Reset Summary
32 Initialization Registers
40 FUNCTIONAL DESCRIPTION
41 Processor Interface
411 Access by Different Type Processors
42 Buffer Memory Interface
421 Static RAM
422 Dynamic RAM
423 Data Transfer Timing
424 Pointers
425 Buffer Management
426 Processor Access to Buffer Memory
427 16-Bit Wide Access
428 Sequential Accesses of Buffer Memory
429 Parity
4210 Register Description
43 Disk Data Controller
431 Command Operation
432 Disk Command and Control Registers
433 Format Registers
434 Disk Operations
44 SCSI Interface
441 Simple SCSI Operations
442 SCSI Registers
443 SCSI Operations
45 Timer
451 Timer Register Descriptions
50 APPLICATION INFORMATION
BUFFER MEMORY
INTERFACING IN A FAST SCSI IMPLEMENTATION
60 DC SPECIFICATIONS
70 AC SPECIFICATIONS
71 Clock Timing
72 Register Read (Intel)
73 Register Write (Intel)
70 AC SPECIFICATIONS
(Continued)
74 Ready Pin
75 Mode Pin (Mot)
76 Register Read (Mot)
77 Register Write (Mot)
78 Interrupts
79 Buffer Memory Static Read
710 Buffer Memory Static Write
711 Buffer Memory Dynamic RAM ReadWrite
712 Buffer Memory DRAM Refresh
713 Disk Read Data Timing
714 Disk Write Data Timing
715 Disk Address Mark
716 SCSI Reset
717 SCSI Arbitration
718 SCSI Selection as Init (wo Arb)
719 SCSI Selection as Init (with Arb)
720 SCSI Reselection as Init
721 SCSI Selection (Targ)
722 SCSI Reselection (Targ)
723 SCSI Lost Arbitration
724 SCSI Abort (Re)Selection
725 SCSI Async Info In (Init)
726 SCSI Async Info In (Targ)
727 SCSI Async Info Out (Init)
728 SCSI Async Info Out (Targ)
729 SCSI Sync Info In (Init)
730 SCSI Sync Info In (Targ)
731 SCSI Sync Info Out (Init)
732 SCSI Sync Info Out (Targ)
733 SCSI Bus Free (Init)
734 SCSI Bus Free (Targ)
735 Differential Transceiver Direction Control
736 Direction Control for Target and Initiator
80 AC TEST CONDITIONS
90 PHYSICAL DIMENSIONS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com