Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 37Page - National Semiconductor (TI) DP8496 Datasheet HTML 38Page - National Semiconductor (TI) DP8496 Datasheet HTML 39Page - National Semiconductor (TI) DP8496 Datasheet HTML 40Page - National Semiconductor (TI) DP8496 Datasheet HTML 41Page - National Semiconductor (TI) DP8496 Datasheet HTML 42Page - National Semiconductor (TI) DP8496 Datasheet HTML 43Page - National Semiconductor (TI) DP8496 Datasheet HTML 44Page - National Semiconductor (TI) DP8496 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
40 Functional Description (Continued)
The valid SCSI Commands are listed in Table 419 Flow-
charts of the multi-phase commands are shown in
Figures
412 to 419 at the end of this description of the SCMD
register
TABLE 419 SCSI Command Opcodes
Op-
Command
Mode
Int
Code
00
Clear Pending Command
IT
N
2B
Reset
IT
Y
32
Disconnect
IT
N
30
Message Accepted
I
N
10
(Re)Select
IT
Y
08
Abort (Re)Select
IT
Y
3E
Receive Command
T
Y
3F
Receive Data
T
Y
3A
Receive Message
T
Y
3B
Receive Unspecified
T
Y
0A
Send Status
T
Y
0B
Send Data
T
Y
0E
Send Message
T
Y
0F
Send Unspecified
T
Y
3C
Transfer Info
I
Y
38
Transfer Pad
I
Y
33
Send Disconnect
T
Y
31
Send End
T
Y
1F
Reselect-Receive Data
T
Y
1B
Reselect-Send Data
T
Y
1C
Reselect-Receive Data-
T
Y
Disconnect
18
Reselect-Send Data-
T
Y
Disconnect
1D
Reselect-Receive Data-End
T
Y
19
Reselect-Send Data-End
T
Y
35
Wait for Sel-Busy-End
T
Y
36
Wait for Sel-Receive
T
Y
Command
37
Wait for Sel-Receive
T
Y
Command-Disconnect
90
(Re)Select Self Test
IT
Y
B2
Disconnect Self Test
IT
N
8B
Send Data Loopback
T
Y
BF
Receive Data Loopback
T
Y
BC
Transfer Info Loopback
I
Y
Mode I e Initiator T e Target
INT e Interrupt generated at command termination (YN)
Clear Pending Command (Opcode e 00)
This command will clear the SCSI Command register of any
outstanding or pending commands This may be used in the
following situations
1 After a ‘‘Wait for Select’’ command is written to the SCSI
Command register a Clear Pending Command may be
issued to prevent the ‘‘Wait for Select’’ command from
executing See Section 443 for a description of the
proper sequence to clear the ‘‘Wait for Select’’
2 If a new command is written to the SCSI Command regis-
ter and you want to prevent it from executing you may
issue the Clear Pending Command The following condi-
tion may create this situation
A If a command is pipelined the Clear Pending Com-
mand may be issued to clear the pipelined command
before it is executed See 443 for pipelining restric-
tions
B If a command is pipelined and the currently executing
command terminates with an error the pipelined
command will not execute until the interrupt is
cleared The Clear Pending Command may be issued
to clear the pipelined command before it is executed
C If an asynchronous event generates a completion in-
terrupt (SCSI Bus Reset or (Re)Select) just before a
command is written to the SCSI Command register
the command will be pipelined and will not execute
until the interrupt is cleared The Clear Pending Com-
mand may be issued to clear the pipelined command
before it is executed
3 Before modifying the TI (TargetInitiator) bit in the SCSI
Operation register the Clear Pending Command should
be issued This will prevent an ‘‘Invalid Command’’ inter-
rupt from being issued if the last command written to the
SCSI Command register is invalid for the new mode set
with the TI bit This operation is not required if you are
sure that the last command is not invalid for the new
mode
4 The Clear Pending Command is used to clear the self
test mode The Clear Pending Command should be is-
sued after issuing the Disconnect Self Test command
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com