Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 67Page - National Semiconductor (TI) DP8496 Datasheet HTML 68Page - National Semiconductor (TI) DP8496 Datasheet HTML 69Page - National Semiconductor (TI) DP8496 Datasheet HTML 70Page - National Semiconductor (TI) DP8496 Datasheet HTML 71Page - National Semiconductor (TI) DP8496 Datasheet HTML 72Page - National Semiconductor (TI) DP8496 Datasheet HTML 73Page - National Semiconductor (TI) DP8496 Datasheet HTML 74Page - National Semiconductor (TI) DP8496 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
70 AC Specifications (Continued)
73 REGISTER WRITE
(NSCIntel Mode)
TLF11212 – 37
ID
Symbol
Parameter
Min
Max
Units
31
aswi
Address Strobe Width
20
ns
32
aswr
Address Strobe to Write Strobe
20
ns
33
asas
Address Setup to Address Strobe
9
ns
34
ahas
Address Hold from Address Strobe
10
ns
35
dvwr
Data Valid to WR Strobe
100
ns
36
dhwr
Data Hold from WR Strobe
10
ns
37
wrwi
WR Strobe Width
100
ns
74 READY PIN
TLF11212 – 38
ID
Symbol
Parameter
Min
Max
Units
41
srdyt
Strobe to Assertion of RDY
55
ns
42
rdys
RDY Released to End of Strobe
55
ns
75 MODE PIN
TLF11212 – 39
ID
Symbol
Parameter
Min
Max
Units
51
crstwi
Chip Reset Strobe Width
5 bcp
ns
51
mds
Mode Setup to CRST
100
51
mdh
Mode Hold from CRST
50
ns
Note 1
The RDYMODE pin will be driven low internally It no longer functions as an output after reset goes inactive
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com