Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 65Page - National Semiconductor (TI) DP8496 Datasheet HTML 66Page - National Semiconductor (TI) DP8496 Datasheet HTML 67Page - National Semiconductor (TI) DP8496 Datasheet HTML 68Page - National Semiconductor (TI) DP8496 Datasheet HTML 69Page - National Semiconductor (TI) DP8496 Datasheet HTML 70Page - National Semiconductor (TI) DP8496 Datasheet HTML 71Page - National Semiconductor (TI) DP8496 Datasheet HTML 72Page - National Semiconductor (TI) DP8496 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
60 DC Specifications
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)
b
05V to VCC a 05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature (TSTG) Range
b
65 Cto a165 C
Package Power Dissipation (PD)
15W
Lead Temperature (TL)
(Soldering 10 Seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
Operating Temperature (TA)0
a
70
C
ESD Tolerance
CZAP e 100 pF
2000
V
RZAP e 15 kX
(Note 4)
DC Electrical Characteristics VCC e 5V g10% TA e 0 Cto70 C unless otherwise specified (Note 3)
Symbol
Parameter
Conditions
Min
Max
Units
VIH
High Level Input Voltage
20
V
VIL
Low Level Input Voltage
08
V
IIH
Input Current
VIN e VCC or GND
g
20
m
A
IOZ
Output TRI-STATE Leakage Current
VOUT e VCC or GND
g
20
m
A
ICC
Average VCC Supply Curent
VIN e VIH or VIL IOUT e 0 mA
50
mA
BCLK e 20 MHz RCLK e 33 MHz
BUFFER MEMORY PINS
(DB1 ADB2 AB3 AB4 ADSo RDo WRo)
VOH
High Level Output Voltage
VIN e VIH or VIL
lIOUTl e 20 mAVCC b 01
V
VIN e VIH or VIL
lIOUTl e 80 mA
35
V
VOL
Low Level Output Voltage (SCSI)
VIN e VIH or VIL
lIOUTl e 20 mA
01
V
VIN e VIH or VIL
lIOUTl e 80 mA
04
V
SCSI BUS PINS
(SCSI Data and SCSI Control Pins on DP8496 Only)
ILKG
Output High Leakage Current
VOUT e VCC or GND
g
20
m
A
VOL
Low Level Output Voltage (SCSI)
VIN e VIH or VIL
lIOUTl e 20 mA
01
V
VIN e VIH or VIL
lIOUTl e 480 mA
05
V
RDYMODE PIN IN MODE CONFIGURATION
IIL
Input Low Current
VIN e GND
b
500
m
A
ALL OTHER PINS
(Including SCSI Data Control and Transceiver Direction Control Pins on DP8497)
VOH
High Level Output Voltage
VIN e VIH or VIL
lIOUTl e 20 mAVCC b 01
V
VIN e VIH or VIL
lIOUTl e 20 mA
35
V
VOL
Low Level Output Voltage (SCSI)
VIN e VIH or VIL
lIOUTl e 20 mA
01
V
VIN e VIH or VIL
lIOUTl e 20 mA
04
V
SCSI INPUT PINS CHARACTERISTICS
(SCSI Data and SCSI Control Pins)
Symbol
Parameter
Conditions
Typ
Units
VHYS
Input Hysteresis
02
V
VTH
Nominal Switching Threshold
14
V
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
These DC Electrical Characteristics are measured staticly and not under dynamic conditions
Note 4
Value based on test complying with NSC SOP-5-028 human body model ESD testing using the ETS-910 tester
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com