Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 69Page - National Semiconductor (TI) DP8496 Datasheet HTML 70Page - National Semiconductor (TI) DP8496 Datasheet HTML 71Page - National Semiconductor (TI) DP8496 Datasheet HTML 72Page - National Semiconductor (TI) DP8496 Datasheet HTML 73Page - National Semiconductor (TI) DP8496 Datasheet HTML 74Page - National Semiconductor (TI) DP8496 Datasheet HTML 75Page - National Semiconductor (TI) DP8496 Datasheet HTML 76Page - National Semiconductor (TI) DP8496 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
70 AC Specifications (Continued)
78 INTERRUPTS
(Note 1)
TLF11212 – 42
ID
Symbol
Parameter
Formula
BCLK e 20 MHz
Units
Min
Max
81
wraint
WR Strobe Assertion to INT Deassertion
30
ns
81
wrdint
WR Strobe Deassertion to INT Assertion
Min e 2bcp
100
180
ns
Max e 3bcp a 30
Note 1
This waveform represents when the Disk Interrupt or SCSI Interrupt register is written to but interrupts are still pending
79 BUFFER MEMORY STATIC RAM READ
TLF11212 – 43
ID
Symbol
Parameter
Formula
BCLK e 20 MHz
Units
Min
Max
91
cash
BCLK to Address Strobe High
30
ns
92
casl
BCLK to Address Strobe Low
30
ns
93
asw
Address Strobe Width
bcp b 545
ns
94
asrd
Address Strobe to RD Strobe
bch b 518
ns
95
rdw
RD Strobe Width
W a bcp a bcl b 568
ns
96
rdd
RD Strobe to Data
W a bcp a bcl b 13
60
ns
97
ds
Data Setup to RD Strobe
13
ns
98
dh
Data Hold from RD Strobe
10
ns
99
adsas
Address Setup to Address Strobe
bcl b 518
ns
910
adsd
Address Setup to Data
W a 2bcp a bcl b 13
110
ns
911
adhrd
Address Hold from RD Strobe
bch b 15
8
ns
912
adhas
Address Hold from Address
bch b 15
8ns
Strobe (16-Bit Mode)
Note 1
While in the 8-bit mode the last waveform is not used While in the 16-bit mode the last waveform is used and the previous waveform represents AB3 and
AB4 only
Note 2
bcp bcl
bch refer to the BCLK frequency in use
Note 3
If the Wait States field in the Setup 1 register is ‘‘00’’ then W e 0 Otherwise W e bcp
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com