Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 79Page - National Semiconductor (TI) DP8496 Datasheet HTML 80Page - National Semiconductor (TI) DP8496 Datasheet HTML 81Page - National Semiconductor (TI) DP8496 Datasheet HTML 82Page - National Semiconductor (TI) DP8496 Datasheet HTML 83Page - National Semiconductor (TI) DP8496 Datasheet HTML 84Page - National Semiconductor (TI) DP8496 Datasheet HTML 85Page - National Semiconductor (TI) DP8496 Datasheet HTML 86Page - National Semiconductor (TI) DP8496 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
70 AC Specifications (Continued)
725 SCSI ASYNCHRONOUS INFORMATION IN PHASE AS INITIATOR
TLF11212 – 59
ID
Symbol
Parameter
Min
Typ
Max
Units
251
iodz
IO Valid to SCSI Data Released
4 bcp
ns
252
pcreq
Phase Change to REQ
50
ns
253
sds
Data Setup to REQ
0ns
254
reqlackl
REQ Low to ACK Low (Notes 1 and 2)
90
185
ns
255
sdh
Data Hold from ACK
0ns
256
reqhackh
REQ High to ACK High (Note 3)
40
60
ns
257
phack
Phase Hold from ACK High
0
ns
Note 1
bcp is the BCLK period in use
Note 2
Transfer Period (in Synchronous Transfer register) e 0 If Transfer Period e 1 then add an additional bcp
Note 3
This value is not valid for very last transfer ACK will stay asserted
All SCSI signals are active-high on the DP8497
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com