Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 30Page - National Semiconductor (TI) DP8496 Datasheet HTML 31Page - National Semiconductor (TI) DP8496 Datasheet HTML 32Page - National Semiconductor (TI) DP8496 Datasheet HTML 33Page - National Semiconductor (TI) DP8496 Datasheet HTML 34Page - National Semiconductor (TI) DP8496 Datasheet HTML 35Page - National Semiconductor (TI) DP8496 Datasheet HTML 36Page - National Semiconductor (TI) DP8496 Datasheet HTML 37Page - National Semiconductor (TI) DP8496 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
40 Functional Description (Continued)
Extending the Current Disk Command
Disk commands with the MSO (Multi-Sector Operation) bit
set to ‘‘1’’ in the Disk Command register may be extended
to transfer more sectors than originally programmed If a
new value is written to the Sector Count register while a disk
command is executing the new value will be downloaded
from the holding register to the active register when the
active Sector Count reaches zero A new Disk Pointer will
also be downloaded at the same time if a new value has
been written to the Disk Pointer registers
A new pipelined Sector Count may be written to the Sector
Count register any time before the active Sector Count
reaches zero The Sector Count register should not be up-
dated again (after the first pipelined value) until the previous
pipelined value has been downloaded The ‘‘Group Com-
plete’’ interrupt indicates when a pipelined Sector Count
and Disk Pointer is downloaded After this interrupt is re-
ceived the Sector Count register and Disk Pointer registers
may be updated again
A disk command may be extended multiple times if desired
Simply wait for the ‘‘Group Complete’’ interrupt between
each update of the Sector Count register
Table 416 summarizes these interrupts
Pipelining Disk Commands
Disk commands may be pipelined If a new disk command is
written to the Disk Command register while an operation is
executing the new disk command will be buffered and
downloaded internally when the current command has com-
pleted
To assist in determining when a new disk command may be
written to the Disk Command register for pipelining an inter-
rupt may be used If the HNC (Header CompleteNext
Command) bit in the Disk Interrupt Enable register is set to
‘‘0’’ the ‘‘Next Command’’ interrupt is enabled When this
interrupt occurs a new disk command may be written to the
Disk command register This new disk command will be
downloaded and executed after the current disk command
has completed all of its operations If the current disk com-
mand is multi-sectored the new disk command will not be
downloaded until all the sector operations have completed
The Sector Count register will also be downloaded at the
same time a disk command is downloaded If a new value is
not written to this register the value from the previous
download will be used A new Disk Pointer will also be
downloaded at the same time as the new disk command
but only if the Disk Pointer has been written to since the last
disk command download
Disk commands may be pipelined multiple times if desired
Simply wait for the ‘‘Next Command’’ interrupt between
each update of the Disk Command register
Special Formats
Some applications require tracks that are formatted with
sectors of varying lengths or sectors with different synch
bytes or other unique format variations This requires modi-
fying the header format registers ‘‘on the fly’’ during a for-
mat operation It is important to modify these registers only
while they are not being used by the Disk Data Controller
The processor can use the Interlock mode and the Header
Complete interrupt to allow modification of the disk format
registers for the ID Segment (addresses 21h 23h – 2Fh) or
the Sector Byte Count registers (35h 36h) during the format
operation The Header Complete interrupt is generated after
the Sector Byte Count registers have been downloaded at
the beginning of the data field The processor has until the
Data Postamble field to make any necessary changes to the
desired registers and then write to the Interlock (Header
Byte Count) register telling the DP84967 that changes are
complete If Interlock is not received in time a Late Interlock
interrupt is generated
TABLE 416 Disk Buffer Management Interrupts
Sector
New Disk
New
Command
Count
Command
Sector
Interrupt
Type
Reached
Been
Count
Type
Comments
Zero
Loaded
Been
Loaded
No
X
X
SCI
Interim sector completed of a multi-sector operation
Multi-Sector
Yes
No
Yes
GCI
The last sector of the previous Sector Count has been
transferred tofrom the disk Command is extended with new
Sector Count
(MSO e 1)
Yes
Yes
X
CCI
Previous disk command has completed New pipelined
command is starting
Yes
No
No
CCI
Previous disk command has completed No new command
Single
X
Yes
X
CCI
Single sector command has completed New pipelined command
is starting
Sector
(MSO e 0)
X
No
X
CCI
Single sector command has completed
Note
MSO (Multi-Sector Operation) bit is in the Disk Command register SCI e Sector Complete Interrupt GCI e Group Complete Interrupt CCI e Command
Complete Interrupt
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com