Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 51Page - National Semiconductor (TI) DP8496 Datasheet HTML 52Page - National Semiconductor (TI) DP8496 Datasheet HTML 53Page - National Semiconductor (TI) DP8496 Datasheet HTML 54Page - National Semiconductor (TI) DP8496 Datasheet HTML 55Page - National Semiconductor (TI) DP8496 Datasheet HTML 56Page - National Semiconductor (TI) DP8496 Datasheet HTML 57Page - National Semiconductor (TI) DP8496 Datasheet HTML 58Page - National Semiconductor (TI) DP8496 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
40 Functional Description (Continued)
0
The SCSI Data register is simply a transparent latch
between the SCSI bus and the processor The REQ
and ACK signals are not automatically asserted REQ
and ACK (and other SCSI control signals) may be modi-
fied by the processor through the SCSI Control register
Parity is not verified when reading data from the SCSI
bus Parity is always generated when writing to the
SCSI bus
For information transfers it is not recommended to use
HE e 0 because parity is not checked
Transfer Period
This field determines the time between adjacent Synchro-
nous Data transfers It is also used to choose between Syn-
chronous and Asynchronous Transfer modes
A value of zero will give Asynchronous Transfers with fast
handshaking between REQ and ACK A value of one will
give Asynchronous Transfers an extra BCLK period per
REQ and ACK handshake (It is also possible for the user to
set the setup time delay between REQ and ACK and the
SCSI data signals by setting the SCK1 and SCK0 bits of the
Differential SCSI 2 register)
A value of two to seven enables Synchronous Transfers
with a Transfer Period (TP) equal to BCLK period multiplied
by the value programmed (2 – 7)
While in the Target Mode if a non-Data Phase is executing
Asynchronous transfers will be used regardless of the value
in this field This is done because Synchronous transfers are
only allowed during the Data In Phase and the Data Out
Phase
Caution
While in Initiator Mode the DP84967 will NOT
automatically switch between Synchronous and Asynchro-
nous modes This must be switched by the processor
Table 423 summarizes the transfer mode used based on
this field and the phase in progress
The value in this field along with the BCLK frequency also
determines the DP84967s adherence to other synchro-
nous SCSI timing specificationsREQ assertion period
(90 ns 30 ns for Fast) REQ negation period (90 ns 30 ns
for Fast) DATA setup time (55 ns 25 ns for Fast) and Data
Hold Time (100 ns 35 ns for Fast) The equations for these
times are specified in the AC Specification section of this
datasheetin subsections 629 thru 632 Maximum BCLK
is specified in subsection 61
TABLE 423 Transfer Mode and Period
Trns
Prd
Current SCSI Phase of DP8496DP8497
Target Data In
Target All Phases
Target Data Out
EXCEPT Data In and
Initiator All Phases
Data Out
0
Async
Async
1
Slow Async
Slow Async
2
Sync TP e 2 BCLK
Async
3
Sync TP e 3 BCLK
Async
4
Sync TP e 4 BCLK
Async
5
Sync TP e 5 BCLK
Async
6
Sync TP e 6 BCLK
Async
7
Sync TP e 7 BCLK
Async
Notes
TP e Transfer Period
See AC Timing for Async vs Slow Async
TLF11212 – 33
FIGURE 420 Synchronous Transfer Period
Offset
The offset value specifies the number of outstanding bytes
allowed before handshaking is inhibited A value of zero re-
sults in an offset of 16
If the Block Count register is greater than one or if the
Block Count is pipelined the offset value must not be great-
er than the Block Size registers Otherwise data may be
written to buffer memory incorrectly If the Block Count is
one and there is no pipelining then there is no restriction
on the value of the offset
Identify (IDENT)
45h
RW
765
4
3210
I
DISC
TAR
Reserved
LUN
The Identify register is used only with Reselect combination
and ‘‘Wait for Select’’ type commands This is actually a
simple 8-bit register with no fixed structure All of the bits
may be read and written by the processor However in most
applications the bit definitions should correspond with the
ANSI SCSI specification
The Reselect combination commands use the contents of
the Identify register during the Message In phase following
Reselection The processor must load the Identify register
before a Reselect combination command is issued
The ‘‘Wait for Select’’ commands modify the Identify regis-
ter This byte is received from the Message Out phase after
a connection The data here is valid as soon as the mes-
sage phase is completed although the processor is not no-
tified with an interrupt until the entire command is complete
The Identify register is overwritten upon the next ‘‘Wait for
Select’’ operation or when the processor loads the Identify
register preceding a Reselect combination command
Caution
This register must be initialized with a valid value
after a reset before any command is written to the SCSI
Command register
Otherwise an ‘‘Uncompleted Com-
mand’’ interrupt will be generated A valid value is any value
with bit 7 set and bits 3 and 4 cleared
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com