Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 28Page - National Semiconductor (TI) DP8496 Datasheet HTML 29Page - National Semiconductor (TI) DP8496 Datasheet HTML 30Page - National Semiconductor (TI) DP8496 Datasheet HTML 31Page - National Semiconductor (TI) DP8496 Datasheet HTML 32Page - National Semiconductor (TI) DP8496 Datasheet HTML 33Page - National Semiconductor (TI) DP8496 Datasheet HTML 34Page - National Semiconductor (TI) DP8496 Datasheet HTML 35Page - National Semiconductor (TI) DP8496 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
40 Functional Description (Continued)
Data Synch
1 Pattern (DSP1)
33h
RW
76543210
Pattern
Pattern used for the Synch
1 field Can be used as an
Address Mark in soft sectored formats
Data Synch
2 Pattern (DSP2)
34h
RW
76543210
Pattern
Pattern used for the Synch
2 field
Sector Byte CountLow (SBCL) 35h
RW
76543210
Count
Sector Byte CountHigh (SBCH) 36h
RW
76543210
Count
These two registers set the number of data bytes in a sec-
tor The range of the combined value for the Byte Count is
10h – FFFEh This must be an even number
Data Format Pattern (DFP)
37h
RW
76543210
Pattern
Pattern used for the data field during a Format Type A or C
For Format Types B and C the data field will be transferred
from buffer memory
Data ECC and Postamble Count (DECC) 38h
RW
76543210
CRCECC
Postamble Count
CRCECC
000 No CRCECC
010 16-Bit CRC
100 32-Bit ECC
110 48-Bit ECC
111 56-Bit ECC
Postamble Count
Number of bytes in the Data Postamble Range is 1 – 1F
Gap 3 Byte Count (GAPC)
39h
RW
76543210
Count
Number of bytes in Gap 3 In hard sectored mode this
count must be programmed small enough to time-out before
the next Index or Sector pulse
During a soft-sectored Format operation Gap 3 functions
normally except after the last sector After the last sector
the Gap 3 pattern is repeated until the Index pulse is re-
ceived The Gap 3 Byte Count is ignored after the last sec-
tor
Gap 3 PatternPSIG (GAPP)
3Ah
RW
76543210
Pattern
Pattern used in Gap 3 field and Post SectorIndex Gap field
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com