Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 66Page - National Semiconductor (TI) DP8496 Datasheet HTML 67Page - National Semiconductor (TI) DP8496 Datasheet HTML 68Page - National Semiconductor (TI) DP8496 Datasheet HTML 69Page - National Semiconductor (TI) DP8496 Datasheet HTML 70Page - National Semiconductor (TI) DP8496 Datasheet HTML 71Page - National Semiconductor (TI) DP8496 Datasheet HTML 72Page - National Semiconductor (TI) DP8496 Datasheet HTML 73Page - National Semiconductor (TI) DP8496 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
70 AC Specifications
Refer to Section 80 for AC Timing Test Conditions
The timing values and formulae specified in this preliminary document are based on the chip’s design values and therefore are
intended to assist the user in making initial design choices Final AC Specifications will be determined after a thorough charac-
terization of the product has been performend
71 CLOCK TIMING
TLF11212 – 35
ID
Symbol
Parameter
DP84967-33
DP84967-50
Max
Units
Min
Min
11
bcl
BCLK Low (Note 1)
18
18
60
ns
12
bch
BCLK High (Note 1)
18
18
60
ns
13
bcp
BCLK Period (Note 1)
40
40
100
ns
14
rcl
RCLK Low
13
9
600
ns
15
rch
RCLK High
13
9
600
ns
16
rcp
RCLK Period
30
20
1000
ns
Note 1
BCLK frequency should not be less than 10 MHz to ensure proper DRAM refresh and to guarantee proper SCSI bus timing Please refer to Table 421A for
Synchronous Information Transfers
Note 2
BCLK can be as low as 2 MHz to save power while the chip is idle however the DRAM contents will be invalid
72 REGISTER READ
(NSCIntel Mode)
TLF11212 – 36
ID
Symbol
Parameter
Min
Max
Units
21
aswi
Address Strobe Width
20
ns
22
asdv
Address Strobe to Data Valid
120
ns
23
asas
Address Setup to Address Strobe
9
ns
24
ahas
Address Hold from Address Strobe
10
ns
25
asrd
Address Strobe to RD Strobe
20
ns
26
dvcs
Data Valid from RD
50
ns
27
rdwi
RD Strobe Width
50
ns
28
dhcs
Data Hold from RD
20
30
ns
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com