Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 7Page - National Semiconductor (TI) DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) DP8496 Datasheet HTML 10Page - National Semiconductor (TI) DP8496 Datasheet HTML 11Page - National Semiconductor (TI) DP8496 Datasheet HTML 12Page - National Semiconductor (TI) DP8496 Datasheet HTML 13Page - National Semiconductor (TI) DP8496 Datasheet HTML 14Page - National Semiconductor (TI) DP8496 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
30 Register List (Continued)
TABLE 32 BCLK Frequency Range
BCLK Freq
Code
BCLK Range
CLK1
CLK0
0
0
1000 s BCLK s 1500 MHz
1
0
1500 s BCLK s 1750 MHz
0
1
1750 s BCLK s 2000 MHz
1
1
2000 s BCLK s 2500 MHz
Note
Though not in binary order this table is correct
SWS SRAM Wait State
This bit allows the user to extend SRAM wait states so that
slower SRAMs may be used
0 Normal wait states Single byte burst takes 5 cycles 4
word bursts take 12 cycles and 6 byte bursts take 17
BCLK cycles
1 Extended wait states Single byte burst is extended to 6
cycles the 4 word burst transfer is extended to 16 cy-
cles and the 6 byte burst transfer is extended to 23 cy-
cles
DFP Disable Fast Page
1 Fast Page DRAM access mode will be disabled This
way normal DRAMs can be used If SRAMs are being
used then SRAM ‘‘Fast mode’’ will also be disabled
thus SRAM transfers will occur in single byteword
bursts
0 Fast Page DRAM access mode will be enabled
DD(10) DRAM Size
If DRAM is used the DP84967 needs to know the organi-
zation eg 64k x n 256k x n etc This field controls the row
and column address so that the least significant address
bits are always on the column address This will guarantee
proper refresh timing during Buffer Memory transfers The
proper bit settings are shown in Table 33
If SRAM is used these bits are ‘‘don’t care’’
TABLE 33 Organization of DRAM
DRAM Depth
Organization of DRAM
RSZ1
RSZ0
0
0
64kxn (64kx1 64kx4)
0
1
256k x n (256k x 1 256kx4)
1
0
1Mxn (1Mx1 1Mx4)
1
1
4Mxn (4Mx1 4Mx4)
RSEL DRAMSRAM Select
The DRAMSRAM switch This bit changes the memory ac-
cess timing to control static or dynamic RAM memory This
bit must be set before any accesses are attempted to buffer
memory If DRAM is selected the proper refresh timing to
initiate CAS before RAS automatic refreshing is provided
without any further intervention through the Processor Inter-
face
1
DRAM
0
SRAM
RWID RAM Data Path Width
The value of this bit is used by the SDDC to determine
whether to provide addresses for a byte-wide memory con-
figuration or word-wide configurationwhen disk or SCSI
data accesses are made The state of this bit has no effect
on the processor address pointer which always increments
by one
1
Byte Mode 8-bit wide buffer memory is being used All
address pointers will increment by one
0
Word Mode 16-bit wide buffer memory is being used
Disk and SCSI address pointers will increment by two
Setup 2 (SUP2)
61h
RW
76543210
AI
BPP
BPE
SPP
SPE
SID2
SID1
SID0
The contents of this register will be invalid after assertion of
the CRST pin This register must be initialized before proper
chip operation
AI Auto Increment
1
The Processor Pointer will increment after each ac-
cess read or write of the Buffer Memory Data register
0
No incrementing will occur The Processor Pointer will
remain unchanged unless it is loaded with a new value
BPP Buffer Parity Polarity
1
Even parity is checked or generated at the buffer mem-
ory port if enabled by the BPE bit
0
Odd parity is checked or generated at the buffer memo-
ry port if enabled by the BPE bit
BPE Buffer Parity Enable
1
Enables the checking or generation of parity at the buff-
er memory port for various types of transfers
When Writing
Parity is generated for the data exiting at
to Buffer
the buffer port except in the case of
SCSI to Buffer transfer when the parity
is generated only if SCSI Parity is not en-
abled (SPE e 0) If SPE e 1 then the
parity accompanying SCSI Bus Data is
checked upon exiting the chip at buffer
port
When Reading Parity is checked at the port where the
from Buffer
data exits the chip except in the case of
Buffer to SCSI transfer with the SCSI
Parity
disabled
here
the
parity
is
checked on the incoming data at the
buffer port Also in the case of proces-
sor reads of buffer memory the parity is
checked on the incoming data at the
buffer port
0
Parity is not generated or checked at the buffer memory
port Parity may still be employed at the SCSI port by
using the SPE bit of this register
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com