Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8496 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) DP8496 Datasheet HTML 10Page - National Semiconductor (TI) DP8496 Datasheet HTML 11Page - National Semiconductor (TI) DP8496 Datasheet HTML 12Page - National Semiconductor (TI) DP8496 Datasheet HTML 13Page - National Semiconductor (TI) DP8496 Datasheet HTML 14Page - National Semiconductor (TI) DP8496 Datasheet HTML 15Page - National Semiconductor (TI) DP8496 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
30 Register List (Continued)
SPP SCSI Parity Polarity
Set to ‘‘1’’ when CRST is asserted or a SCSI Reset com-
mand is issued This is to prevent the parity bit from driving
the bus immediately after a reset while in Manual Mode
(Manual Mode described in Section 443)
1
Even parity is checked or generated on the SCSI bus if
enabled by the SPE bit
0
Odd parity is checked or generated on the SCSI bus if
enabled by the SPE bit
SPE SCSI Parity Enable
Set to ‘‘0’’ when CRST is asserted or a SCSI Reset com-
mand is issued Other than in Arbitration phase parity is
always provided when writing to the SCSI bus parity is
checked if buffer parity is being used (BPE e 1) or generat-
ed if buffer parity is not being used (BPE e 0) Parity verifi-
cation while reading the SCSI bus is dependent upon this bit
and some other variables as desribed below
1
SCSI Parity is verified on read data conditional to AM
bit of the SCSI Operation Register (43h) and HE bit of
the Synchronous Transfer Register (44h)as specified
in Table 34
0
SCSI Parity is never verified
TABLE 34 SCSI Parity
Auto
Handshake
When is parity checked during
a read from the SCSI bus
Man
Enable
1
X
Target Parity checked when
ACK asserted
Initiator Parity checked when
REQ asserted
(Re)Select Parity Checked while
SCSI ID matches SEL true BSY
false
0
1
Target Parity checked when
ACK asserted
Initiator Parity checked when
REQ asserted
0
0
Parity not checked
Refer to Table 410 in Section 429 for more detail on parity
SID(20) SCSI ID
The unique binary address which identifies the SCSI device
is loaded here This number is usually obtained by the proc-
essor after a Chip Reset from a PROM or from switches or
jumpers This is not to be confused with the LUN (Logical
Unit Number) of which each SCSI device can have eight
This field will be internally translated to the one-of-eight
form required for the SCSI bus
Setup 3 (SUP3)
62h
RW
76543210
CI
x
x
x
REV3
REV2
REV1
REV0
Asserting the CRST pin will not effect this register This reg-
ister must be initialized before proper interrupt operation
CI Combine Interrupts
1
Enabled Disk and SCSI interrupts appear on the DINT
pin The SINT pin is never asserted
0
Enabled Disk interrupts appear on the DINT pin En-
abled SCSI interrupts appear on the SINT pin
REV(30) Revision Number
These four bits reflect the functional version number of the
chip If a modification is made to the DP84967 that may
require software or hardware modifications in a system this
value will be modified as well The Revision Number corre-
sponding to this data sheet is 3h
The Revision Number will not be affected by a write to this
register
40 Functional Description
41 PROCESSOR INTERFACE
The processor port of the DP84967 can interface with
equal ease with NSCIntel-type and MotorolaZilog-type
processors An 8-bit multiplexed AddressData port is pro-
vided and through it the processor can randomly access all
SDDC registers The chip also provides two interrupt lines to
allow separate disk and SCSI interrupts
To the processor the DP84967 appears as a slave periph-
eral at all times and can be accessed with programmed IO
in memory mapped or IO mapped systems All control reg-
isters are eight bits wide Some functions are programmed
through more than one register For example address
pointers are accessed through three different registers be-
cause the address may be up to 22 bits wide The buffer
memory data is accessed through one register called the
Buffer Memory Data register (6Eh) There are two interrupt
registers in the DP84967 the SCSI Interrupt register (49h)
and the Disk Interrupt register (12h) Each of these interrupt
registers has an associated mask and status register
TABLE 41 DP8496DP8497 Address Map
Address
DP84967 Section
00 – 1F
Disk Data Controller
20 – 3F
Disk Format Registers
40 – 5F
SCSI Bus Controller
60 – 7F
Buffer Memory Setup
Timer
All the registers in the DP84967 have unique addresses
and most are readable and writable They can be accessed
in single instructions with a local processor The DP84967
never becomes a bus master on the processor bus
411 Access by Different Type Processors
At the time of chip reset the user can configure the
DP84967 to work with NSCIntel-type or MotorolaZilog-
type processors While the CRST pin is asserted the RDY
MODE pin functions as a MODE input This input will deter-
mine the processor access mode of the DP84967 If this
pin is left floating or pulled or driven high while CRST is
asserted the NationalIntel mode will be enabled If this pin
is pulled or driven low while CRST is asserted the Zilog
Motorola mode will be enabled
If NSCIntel-type mode is selected then pins RDiDS and
WRiRW act as Read Strobe and Write Strobe and they
are used to read and write data fromto the addressed reg-
ister If the MotorolaZilog-type mode is selected then the
same pins act as Data Strobe and ReadWrite where Data
Strobe is used to strobe data when reading or writing while
the direction of data is determined by the ReadWrite sig-
nal In either mode the address is strobed into the SDDC
with the ADSi signal
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com