Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 40Page - Dialog Semiconductor DA9220 Datasheet HTML 41Page - Dialog Semiconductor DA9220 Datasheet HTML 42Page - Dialog Semiconductor DA9220 Datasheet HTML 43Page - Dialog Semiconductor DA9220 Datasheet HTML 44Page - Dialog Semiconductor DA9220 Datasheet HTML 45Page - Dialog Semiconductor DA9220 Datasheet HTML 46Page - Dialog Semiconductor DA9220 Datasheet HTML 47Page - Dialog Semiconductor DA9220 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
44 of 62
© 2020 Dialog Semiconductor
Table 38: SYS_GPIO1_1 (0x0013)
Bit
Symbol
Description
[7]
GPIO1_DEB_FALL
GPI debouce falling edge. Initial value is determined by
CONF pin setting at the start-up in CONF_EN = 1
[6]
GPIO1_DEB_RISE
GPI debounce rising edge. Initial value is determined by
CONF pin setting at the start-up in CONF_EN = 1
[5:4]
GPIO1_DEB
GPI debounce time. Initial value is determined by CONF
pin setting at the start-up in CONF_EN = 1
Value
Description
0x0
100 µs debouce
0x1
1 ms debouce
0x2
10 ms debounce
0x3
100 ms debounce
[3]
GPIO1_PUPD
GPIO pull-up/pull-down enable. Initial value is determined
by CONF pin setting at the start-up in CONF_EN = 1
Value
Description
0x0
GPI: pull-down disabled, GPO: pull-up to
AVDD disabled
0x1
GPI: pull-down enabled, GPO: pull-up to AVDD
enabled
[2]
GPIO1_POL
GPIO polarity. Initial value is determined by CONF pin
setting at the start-up in CONF_EN = 1
Value
Description
0x0
GPIO is active-high
0x1
GPIO is active-low
[1:0]
GPIO1_TRIG
GPI trigger type. Initial value is determined by CONF pin
setting at the start-up in CONF_EN = 1
Value
Description
0x0
Dual-edge triggered
0x1
Pos-edge triggered
0x2
Neg-edge triggered
0x3
Reserved (No trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com