Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 33Page - Dialog Semiconductor DA9220 Datasheet HTML 34Page - Dialog Semiconductor DA9220 Datasheet HTML 35Page - Dialog Semiconductor DA9220 Datasheet HTML 36Page - Dialog Semiconductor DA9220 Datasheet HTML 37Page - Dialog Semiconductor DA9220 Datasheet HTML 38Page - Dialog Semiconductor DA9220 Datasheet HTML 39Page - Dialog Semiconductor DA9220 Datasheet HTML 40Page - Dialog Semiconductor DA9220 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
37 of 62
© 2020 Dialog Semiconductor
Bit
Symbol
Description
[3:0]
CH1_EN_DLY
Delay for CH1 enable. Active with GPIO configured as EN1&EN2
control and IC_EN control. Initial value is determined by CONF pin
setting at the start-up in CONF_EN = 1
Value
Description
0x0
0
0x1
0.5 ms
0x2
1.0 ms
0x3
1.5 ms
0x4
2.0 ms
0x5
2.5 ms
0x6
3.0 ms
0x7
3.5 ms
0x8
4.0 ms
0x9
4.5 ms
0xA
5.0 ms
0xB
5.5 ms
0xC
6.0 ms
0xD
6.5 ms
0xE
7.0 ms
0xF
7.5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com