Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 30Page - Dialog Semiconductor DA9220 Datasheet HTML 31Page - Dialog Semiconductor DA9220 Datasheet HTML 32Page - Dialog Semiconductor DA9220 Datasheet HTML 33Page - Dialog Semiconductor DA9220 Datasheet HTML 34Page - Dialog Semiconductor DA9220 Datasheet HTML 35Page - Dialog Semiconductor DA9220 Datasheet HTML 36Page - Dialog Semiconductor DA9220 Datasheet HTML 37Page - Dialog Semiconductor DA9220 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
34 of 62
© 2020 Dialog Semiconductor
5.1.1
System
Table 21: SYS_STATUS_0 (0x0001)
Bit
Symbol
Description
[2]
SG
Asserted as long as the enabled buck output voltage is in range
[1]
TEMP_CRIT
Asserted as long as the thermal shutdown threshold is reached
[0]
TEMP_WARN
Asserted as long as the thermal warning threshold is reached
Table 22: SYS_STATUS_1 (0x0002)
Bit
Symbol
Description
[7]
PG2
Asserted as long as the Buck2 output voltage is in range
[6]
OV2
Asserted as long as Buck2 hitting over-voltage
[5]
UV2
Asserted as long as Buck2 hitting under-voltage
[4]
OC2
Asserted as long as Buck2 hitting over-current
[3]
PG1
Asserted as long as the Buck1 output voltage is in range
[2]
OV1
Asserted as long as Buck1 hitting over-voltage
[1]
UV1
Asserted as long as Buck1 hitting under-voltage
[0]
OC1
Asserted as long as Buck1 hitting over-current
Table 23: SYS_STATUS_2 (0x0003)
Bit
Symbol
Description
[2]
GPIO2
GPIO2 status
[1]
GPIO1
GPIO1 status
[0]
GPIO0
GPIO0 status
Table 24: SYS_EVENT_0 (0x0004)
Bit
Symbol
Description
[2]
E_SG
SG caused event. Writing 1 action clear this bit into 0 if event
source has been released.
[1]
E_TEMP_CRIT
TEMP_CRIT caused event. Writing 1 action clear this bit into 0 if
event source has been released.
[0]
E_TEMP_WARN
TEMP_WARN caused event. Writing 1 action clear this bit into 0
if event source has been released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com