Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 25Page - Dialog Semiconductor DA9220 Datasheet HTML 26Page - Dialog Semiconductor DA9220 Datasheet HTML 27Page - Dialog Semiconductor DA9220 Datasheet HTML 28Page - Dialog Semiconductor DA9220 Datasheet HTML 29Page - Dialog Semiconductor DA9220 Datasheet HTML 30Page - Dialog Semiconductor DA9220 Datasheet HTML 31Page - Dialog Semiconductor DA9220 Datasheet HTML 32Page - Dialog Semiconductor DA9220 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
29 of 62
© 2020 Dialog Semiconductor
Register Name
Description
GPIO2_DEB[1:0]
GPIO2 input debounce time setting
GPIO2_DEB_RISE
GPIO2 input debounce rising edge enable
GPIO2_DEB_FALL
GPIO2 input debounce falling edge enable
4.2.3.4
OTP Reload (RELOAD)
Buck settings listed in Table 19 are reloaded from CONF registers by triggering GPIO configured as
RELOAD input.
The OTP reload happens at the same time for Buck1 and Buck2 settings. During reloading, Buck1/2
keep operating as configured without shut-down.
Table 19: OTP Reload Registers
Register Name
Description
CH#_VSEL
CH# output voltage and operation selection.
0: A, 1: B
CH#_A_VOUT[7:0]
CH# output voltage setting A : CH#_A_VOUT * 10 mV
Setting under 0.3V is clamped to 0.3V, and setting over 1.9V is clamped to 1.9 V
CH#_B_VOUT[7:0]
CH# output voltage setting B : CH#_A_VOUT * 10 mV
Setting under 0.3 V is clamped to 0.3 V, and setting over 1.9V is clamped to 1.9 V
CH#_A_MODE[1:0]
Operation mode selection
0: Force PFM
1: Force PWM. full phase
2: Force PWM with phase shedding
3: Auto mode
CH#_B_MODE[1:0]
Operation mode selection
0: Force PFM
1: Force PWM. full phase
2: Force PWM with phase shedding
3: Auto mode
4.3
Operating Modes
4.3.1
ON
DA9220 is ON when the IC_EN port is higher than VIH_EN and the supply voltage is higher than
VTHR_POR. Once enabled, the host processor can start communicating with DA9220 using the control
interface, after the tIC_EN delay.
4.3.2
OFF
DA9220 is OFF when the IC_EN port is lower than VIL_EN. In OFF, the bucks are always disabled and
LX nodes are pulled down by (typically 150 Ω) internal pull-down resistors.
4.4
I2C Communication
All features of DA9220 can be controlled with the I2C interface which is enabled or disabled in
register I2C_EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com