Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 61 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 61 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 54Page - Dialog Semiconductor DA9220 Datasheet HTML 55Page - Dialog Semiconductor DA9220 Datasheet HTML 56Page - Dialog Semiconductor DA9220 Datasheet HTML 57Page - Dialog Semiconductor DA9220 Datasheet HTML 58Page - Dialog Semiconductor DA9220 Datasheet HTML 59Page - Dialog Semiconductor DA9220 Datasheet HTML 60Page - Dialog Semiconductor DA9220 Datasheet HTML 61Page - Dialog Semiconductor DA9220 Datasheet HTML 62Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
61 of 62
© 2020 Dialog Semiconductor
8.2
Inductor Selection
Inductors should be selected based on the following parameters:
● Rated maximum current
Usually a coil provides two current limits: ISAT specifies the maximum current at which the
inductance drops by 30 % of the nominal value, and IMAX is defined by the maximum power
dissipation and is applied to the effective current.
● DC resistance
Critical for the converter efficiency and should therefore be minimized.
Table 64: Recommended Inductor Types
Value
(µH)
Size (mm)
IMAX (DC)
(A)
ISAT (A)
Tol. (%)
DC
Resistance
(mΩ)
Type
0.1
2.0 x 1.6 x 1.0
6.5
9.0
±20
11.5
Cyntec
HTEN20161T-R10MDR
0.1
1.6 x 0.8 x 1.0
5.2
6.5
±20
17
Taiyo Yuden
MEKK1608TR10M
0.1
1.6 x 0.8 x 0.8
4.1
9.4
±20
19
Taiyo Yuden
MCHK1608TR10MJN
0.11
2.0 x 1.25 x 0.8
5.8
6.9
±20
9.1
Taiyo Yuden
MCHK2012TR11MKG
0.1
1.0 x 0.5 x 0.55
2.3
2.2
±20
41
Taiyo Yuden
MCEE1005TR10MHN
0.1
2.5 x 2.0 x 1.2
12
13
±20
4
TDK
TFM252012ALMAR10MT
0.1
1.6 x 0.8 x 0.95
3.8
4.3
±20
15
Tokyo Coil Engineering
TFP160810M-R10N
0.11
2.0 x 1.6 x 0.6
3.0
6.0
±20
24
Wurth Elektronik
WE-PMMI 744 799 771 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com