Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 5Page - Dialog Semiconductor DA9220 Datasheet HTML 6Page - Dialog Semiconductor DA9220 Datasheet HTML 7Page - Dialog Semiconductor DA9220 Datasheet HTML 8Page - Dialog Semiconductor DA9220 Datasheet HTML 9Page - Dialog Semiconductor DA9220 Datasheet HTML 10Page - Dialog Semiconductor DA9220 Datasheet HTML 11Page - Dialog Semiconductor DA9220 Datasheet HTML 12Page - Dialog Semiconductor DA9220 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
9 of 62
© 2020 Dialog Semiconductor
3.3
Thermal Characteristics
3.3.1
Thermal Ratings
Table 5: Package Ratings
Parameter
Description
Conditions
Min
Typ
Max
Unit
JA
Package thermal resistance
Note 1
32.7
°C/W
Note 1
Obtained from package thermal simulation, 2S2P4L board (JEDEC), influenced by PCB technology
and layout.
3.3.2
Power Dissipation
Table 6: Power Dissipation
Parameter
Description
Conditions
Min
Typ
Max
Unit
PD
Power dissipation
Derating factor above TA =
70°C : 30.6 mW/°C
(1/θJA)
2140
mW
Figure 5: 24WLCSP Power Derating Curve
3.4
ESD Characteristics
Table 7: ESD Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VESD_HBM
ESD protection, human
body model (HBM)
2
kV
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
20
30
40
50
60
70
80
90
100
110
120
130
140
T
A (°C)
P
D = (TJ - TA) / θJA
θ
JA = 32.7 °C/W
Still air (0 m/s)
▲T
J(WARN) = 125 °C
◆
T
J(CRIT) = 140 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com