Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 4Page - Dialog Semiconductor DA9220 Datasheet HTML 5Page - Dialog Semiconductor DA9220 Datasheet HTML 6Page - Dialog Semiconductor DA9220 Datasheet HTML 7Page - Dialog Semiconductor DA9220 Datasheet HTML 8Page - Dialog Semiconductor DA9220 Datasheet HTML 9Page - Dialog Semiconductor DA9220 Datasheet HTML 10Page - Dialog Semiconductor DA9220 Datasheet HTML 11Page - Dialog Semiconductor DA9220 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
8 of 62
© 2020 Dialog Semiconductor
3
Characteristics
3.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
TSTG
Storage temperature
-65
150
°C
TJ
Junction temperature
-40
150
°C
VSYS
System supply voltage
-0.3
6.0
V
VPIN
Voltage on pins
-0.3
6.0
V
3.2
Recommended Operating Conditions
Table 4: Recommended Operating Conditions
Parameter
Description
Conditions (Note 1)
Min
Typ
Max
Unit
VSYS
System supply voltage
2.5
5.5
V
VPIN
Voltage on pins
-0.3
VSYS +
0.3
V
TJ
Junction temperature
-40
125
°C
TA
Ambient temperature
-40
85
°C
Note 1
Within the specified limits, a lifetime of 10 years is guaranteed. If operating outside of these
recommended conditions, please consult with Dialog Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com