Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9220 Datasheet HTML 1Page - Dialog Semiconductor DA9220 Datasheet HTML 2Page - Dialog Semiconductor DA9220 Datasheet HTML 3Page - Dialog Semiconductor DA9220 Datasheet HTML 4Page - Dialog Semiconductor DA9220 Datasheet HTML 5Page - Dialog Semiconductor DA9220 Datasheet HTML 6Page - Dialog Semiconductor DA9220 Datasheet HTML 7Page - Dialog Semiconductor DA9220 Datasheet HTML 8Page - Dialog Semiconductor DA9220 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
1 of 62
© 2020 Dialog Semiconductor
General Description
DA9220 is a power management unit (PMU) suitable for supplying CPUs, GPUs, DDR memory rails
in single in-line pin package (SIPP) modules, smartphones, tablets, and other handheld applications.
DA9220 integrates two single-phase buck converters, each phase requiring a small external 0.10 µH
inductor. Each buck is capable of delivering up to 3 A output current at a 0.3 V to 1.9 V output
voltage range. The 2.5 V to 5.5 V input voltage range is suitable for a wide variety of low-voltage
systems, including, but not limited to, all Li-Ion battery supplied applications.
With remote sensing, the DA9220 guarantees the highest accuracy and supports multiple PCB
routing scenarios without loss of performance.
The pass devices are fully integrated, so no external FETs or Schottky diodes are needed.
A programmable soft start-up can be enabled, which limits the inrush current from the input node and
secures a slope-controlled rail activation.
The dynamic voltage control (DVC) supports adaptive adjustment of the supply voltage dependent on
the processor load, via either a direct register write using the communication interface (I2C-
compatible) or with a programmable input pin.
A configurable GPI allows multiple I2C address selection for multiple instances of DA9220 in the
same application.
DA9220 has integrated over-temperature and over-current protection for increased system reliability,
without the need for external sensing components.
Key Features
■ 2.5 V to 5.5 V input voltage
■ 0.3 V to 1.9 V output voltage
■ 4 MHz nominal switching frequency
■ ±1 % accuracy (static)
■ ±5 % accuracy (dynamic)
■ I2C-compatible interface (FM+)
■ Programmable GPIOs
■ Programmable soft-start
■ Voltage, current, and temperature
supervision
■ -40 °C to +85 ºC ambient temperature
range
■ Package:
24WLCSP 2.5 mm x 1.7 mm (0.4 mm pitch)
Applications
■ SIPP modules (SoC, DRAM)
■ Smartphones
■ Tablet PCs
■ Infotainment
■ Ultrabooks™
■ Wi-Fi Modules
■ Game Consoles


Similar Part No. - DA9220

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9220 RENESAS-DA9220 Datasheet
1Mb / 66P
High-Performance Dual-Channel DC-DC Converter
15-Feb-2022
More results

Similar Description - DA9220

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9122 DIALOG-DA9122 Datasheet
1Mb / 60P
High-Performance Dual-Channel DC-DC Converter
DA9131-A DIALOG-DA9131-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
DA9132-A DIALOG-DA9132-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
DA9217 DIALOG-DA9217 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
logo
Renesas Technology Corp
DA9121 RENESAS-DA9121 Datasheet
1Mb / 53P
High-Performance, 10 A, Dual-Phase DC-DC Converter
15-Feb-2022
DA9122 RENESAS-DA9122 Datasheet
1Mb / 61P
High-Performance Dual-Channel DC-DC Converter
15-Feb-2022
DA9131-A RENESAS-DA9131-A Datasheet
986Kb / 57P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9132-A RENESAS-DA9132-A Datasheet
1,015Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9217 RENESAS-DA9217 Datasheet
1Mb / 50P
High-Performance Dual-Phase DC-DC Converter
10-Feb-2023
DA9220 RENESAS-DA9220 Datasheet
1Mb / 66P
High-Performance Dual-Channel DC-DC Converter
15-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com