Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 54Page - Dialog Semiconductor DA9220 Datasheet HTML 55Page - Dialog Semiconductor DA9220 Datasheet HTML 56Page - Dialog Semiconductor DA9220 Datasheet HTML 57Page - Dialog Semiconductor DA9220 Datasheet HTML 58Page - Dialog Semiconductor DA9220 Datasheet HTML 59Page - Dialog Semiconductor DA9220 Datasheet HTML 60Page - Dialog Semiconductor DA9220 Datasheet HTML 61Page - Dialog Semiconductor DA9220 Datasheet HTML 62Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
60 of 62
© 2020 Dialog Semiconductor
7
Ordering Information
The ordering number consists of the part number followed by a suffix indicating the packing method.
For details and availability, please consult Dialog Semiconductor
’s customer support portal or your
local sales representative.
Table 62: Ordering Information
Part Number
Package
Size (mm)
Shipment Form
Pack Quantity
DA9220-xxV72
24 WLCSP
2.5 x 1.7
T&R
4500
DA9220-xxV76
24 WLCSP
2.5 x 1.7
Waffle Tray
140
DA9220-70V72
Standard OTP Variant
VOUT1 = 1.2 V, VOUT2 = 1.8 V
24 WLCSP
2.5 x 1.7
T&R
4500
DA9220-70V76
Standard OTP Variant
VOUT1 = 1.2 V, VOUT2 = 1.8 V
24 WLCSP
2.5 x 1.7
Waffle Tray
140
DA9220-71V72
Standard OTP Variant
VOUT1 = 1.0 V, VOUT2 = 1.0 V
24 WLCSP
2.5 x 1.7
T&R
4500
DA9220-71V76
Standard OTP Variant
VOUT1 = 1.0 V, VOUT2 = 1.0 V
24 WLCSP
2.5 x 1.7
Waffle Tray
140
8
Application Information
The following recommended components are examples selected from requirements of a typical
application.
8.1
Capacitor Selection
Ceramic capacitors are used as bypass capacitors at all VDD and output rails. When selecting a
capacitor, especially for types with high capacitance at smallest physical dimension, the DC bias
characteristic has to be taken into account.
Table 63: Recommended Capacitor Types
Application
Value
Size
Temp. Char.
Tol. (%)
V-Rate
Type
VOUT
output bypass
10 µF
0402
X5R ±15 %
±20
6.3 V
Murata
GRM155R60J106ME15
PVDDx
bypass
10 µF
0603
X5R ±15 %
±20
25 V
Murata
GRM188R61E106MA73
AVDD bypass
1 µF
0402
X5R ±15 %
±10
10 V
Murata
GRM155R61A105KE15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com