Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 7Page - Dialog Semiconductor DA9220 Datasheet HTML 8Page - Dialog Semiconductor DA9220 Datasheet HTML 9Page - Dialog Semiconductor DA9220 Datasheet HTML 10Page - Dialog Semiconductor DA9220 Datasheet HTML 11Page - Dialog Semiconductor DA9220 Datasheet HTML 12Page - Dialog Semiconductor DA9220 Datasheet HTML 13Page - Dialog Semiconductor DA9220 Datasheet HTML 14Page - Dialog Semiconductor DA9220 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
11 of 62
© 2020 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
tON_MIN
Minimum turn-on pulse
0 % duty is also supported
20
ns
tBUCK_EN
Turn-on time
CHx_EN = high
20
μs
RPD
Output pull-down resistance
for each phase at the LX
node, see CHx_PD_DIS
VIN = 3.7 V
VOUT = 0.5 V
100
150
200
Ω
RON_PMOS
On resistance of switching
PMOS, per phase
VIN = 3.7 V
36
mΩ
RON_NMOS
On resistance of switching
NMOS, per phase
VIN = 3.7 V
17
mΩ
AUTO Mode
VOUT_TR_LD_1
PH
Load transient response
1-phase
VOUT = 1 V
IOUT = 0 A to 5 A
dl/dt = 10
A/μs
±5
%
PFM Mode
IQ_PFM_1PH
Quiescent current in PFM
1-phase
VIN = 3.7 V
No load
No switching
88
μA
Note 1
tON > 40 ns
3.6
Performance and Supervision Characteristics
Table 9: Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VTHR_POR
Power-on-reset threshold
Threshold for AVDD falling
2.1
2.25
V
VTHR_POR_HY
S
Power-on-reset hysteresis
200
mV
TWARN
Thermal warning
temperature threshold
115
125
135
°C
TCRIT
Thermal shutdown
temperature threshold
130
140
150
°C
IIN_OFF
Supply current
OFF state
TA = 27 °C
IC_EN = 0
0.1
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com