Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 52Page - Dialog Semiconductor DA9220 Datasheet HTML 53Page - Dialog Semiconductor DA9220 Datasheet HTML 54Page - Dialog Semiconductor DA9220 Datasheet HTML 55Page - Dialog Semiconductor DA9220 Datasheet HTML 56Page - Dialog Semiconductor DA9220 Datasheet HTML 57Page - Dialog Semiconductor DA9220 Datasheet HTML 58Page - Dialog Semiconductor DA9220 Datasheet HTML 59Page - Dialog Semiconductor DA9220 Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
56 of 62
© 2020 Dialog Semiconductor
Table 55: BUCK_BUCK2_6 (0x002E)
Bit
Symbol
Description
[7:0]
CH2_B_VOUT
Output voltage setting B: Initial value is determined by
CONF pin setting at the start-up in CONF_EN = 1
From 0.30 V (0x1E) to 1.90 V (0xBE) in steps of 10 mV
(default 1.0 V)
Write-protected when value is written below 0.30 V or
above 1.90 V
Value
Description
0x1E
0.3
0x1F
0.31
0x20
0.32
Continuing through…
0x64
1
To…
0xBC
1.88
0xBD
1.89
0xBE
1.9
Table 56: BUCK_BUCK2_7 (0x002F)
Bit
Symbol
Description
[3]
Reserved
Reserved
[2]
Reserved
Reserved
[1:0]
CH2_RIPPLE_CANCEL
Ripple cancel control (can be used to improve output
overshoot at heavy to light load transient).
Value
Description
0x0
No ripple cancel
0x1
Small ripple cancel
0x2
Mid ripple cancel
0x3
Large ripple cancel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com