Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 24Page - Dialog Semiconductor DA9220 Datasheet HTML 25Page - Dialog Semiconductor DA9220 Datasheet HTML 26Page - Dialog Semiconductor DA9220 Datasheet HTML 27Page - Dialog Semiconductor DA9220 Datasheet HTML 28Page - Dialog Semiconductor DA9220 Datasheet HTML 29Page - Dialog Semiconductor DA9220 Datasheet HTML 30Page - Dialog Semiconductor DA9220 Datasheet HTML 31Page - Dialog Semiconductor DA9220 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
28 of 62
© 2020 Dialog Semiconductor
4.2.3.3
Chip Configuration Select (CONF)
GPIO0 functions as chip configuration select (CONF) input when CONF_EN = 1.
Three different chip configurations can be selected according to the CONF pin level, whether it is
HIGH, LOW, or Hi-Z.
Table 18: GPIO0-Configurable Registers when CONF_EN = 1
Register Name
Description
IF_SLAVE_ADDR[6:0]
I2C slave address
CH1_A_MODE[1:0]
CH1_A Operation mode select
CH1_B_MODE[1:0]
CH1_B Operation mode select
CH1_VSEL
CH1 output voltage and operation selection
CH1_EN
CH1 enable
CH1_A_VOUT[7:0]
CH1 output voltage setting A
CH1_B_VOUT[7:0]
CH1 output voltage setting B
CH2_A_MODE[1:0]
CH2_A Operation mode select
CH2_B_MODE[1:0]
CH2_B Operation mode select
CH2_VSEL
CH2 output voltage and operation selection
CH2_EN
CH2 enable
CH2_A_VOUT[7:0]
CH2 output voltage setting A
CH2_B_VOUT[7:0]
CH2 output voltage setting B
M_PG1_STAT
IRQ mask setting for CH1 power good status
M_PG2_STAT
IRQ mask setting for CH2 power good status
M_SG_STAT
IRQ mask setting for system good status
M_VR_HOT
IRQ mask setting for temp warning status
CH1_EN_DLY[3:0]
Delay setting for CH1 enable
CH1_DIS_DLY[3:0]
Delay setting for CH1 disable
CH2_EN_DLY[3:0]
Delay setting for CH2 enable
CH2_DIS_DLY[3:0]
Delay setting for CH2 disable
GPIO1_MODE[3:0]
GPIO1 mode setting
GPIO2_MODE[3:0]
GPIO2 mode setting
GPIO1_OBUF
GPIO1 output buffer select
GPIO2_OBUF
GPIO2 output buffer select
GPIO1_TRIG[1:0]
GPIO1 input trigger select
GPIO1_POL
GPIO1 polarity select
GPIO1_PUPD
GPIO1 pull-up/pull-down enable
GPIO1_DEB[1:0]
GPIO1 input debounce time setting
GPIO1_DEB_RISE
GPIO1 input debounce rising edge enable
GPIO1_DEB_FALL
GPIO1 input debounce falling edge enable
GPIO2_TRIG[1:0]
GPIO2 input trigger select
GPIO2_POL
GPIO2 polarity select
GPIO2_PUPD
GPIO2 pull-up/pull-down enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com