Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 62 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 62 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 58Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 59Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 60Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 61Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 62Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 63Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 64Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 65Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 66Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
44
POUT[7:0]—Port Output Data
These bits contain the data to be driven to the port pins. The values are only driven if the
corresponding pin is configured as an output and the pin is not configured for alternate
function operation.
0 = Drive a logical 0 (Low).
1= Drive a logical 1 (High). High value is not driven if the drain has been disabled by set-
ting the corresponding Port Output Control register bit to 1.
LED Drive Enable Register
The LED Drive Enable register (Table 28) activates the controlled current drive. The Port
C pin must first be enabled by setting the Alternate Function register to select the LED
function.
.
LEDEN[7:0]—LED Drive Enable
These bits determine which Port C pins are connected to an internal current sink.
0 = Tristate the Port C pin.
1= Connect controlled current sink to the Port C pin.
LED Drive Level High Register
The LED Drive Level registers contain two control bits for each Port C pin (Table 29).
These two bits select between four programmable drive levels. Each pin is individually
programmable.
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FD3H, FD7H, FDBH, FDFH
Table 28. LED Drive Enable (LEDEN)
BITS
7
6
5
4
3
2
1
0
FIELD
LEDEN[7:0]
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F82H
Table 29. LED Drive Level High Register (LEDLVLH)
BITS
7
6
5
4
3
2
1
0
FIELD
LEDLVLH[7:0]
RESET
0
000
00
00
Table 27. Port A–D Output Data Register (PxOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com