Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 21Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 22Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 23Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 24Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 25Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 26Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 27Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 28Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Pin Description
Z8 Encore! XP® F08xA Series
Product Specification
7
Pin Description
Overview
The Z8 Encore! XP® F08xA Series products are available in a variety of packages styles
and pin configurations. This chapter describes the signals and available pin configurations
for each of the package styles. For information regarding the physical package specifica-
tions, refer to the chapter “Packaging” on page 206.
Available Packages
Table 2 identifies the package styles that are available for each device in the Z8 Encore!
XP® F08xA Series product line.
Pin Configurations
Figures 2 and 4 illustrate the pin configurations for all of the packages available in the Z8
Encore! XP® F08xA Series. Refer to Table 3 for a description of the signals. The analog
input alternate functions (ANAx) are not available on the Z8F081A devices. The analog
supply pins (AVDD and AVSS) are also not available on these parts, and are replaced by
PB6 and PB7.
At reset, all Port A, B and C pins default to an input state. In addition, any alternate func-
tionality is not enabled, so the pins function as general purpose input ports until pro-
grammed otherwise. At powerup, the Port D0 pin defaults to the RESET alternate
function.
The pin configurations listed are preliminary and subject to change based on manufactur-
ing limitations.
Table 2. Z8 Encore! XP® F08xA Series Package Options
Part Number
ADC
20-pin
PDIP
20-pin
SOIC
20-pin
SSOP
28-pin
PDIP
28-pin
SOIC
28-pin
SSOP
Z8F082A
Yes
XXXXXX
Z8F081A
No
XXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com