Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 74 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 74 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 70Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 71Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 72Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 73Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 74Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 75Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 76Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 77Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 78Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Interrupt Controller
Z8 Encore! XP® F08xA Series
Product Specification
56
C1ENH—Port C1 Interrupt Request Enable High Bit
C0ENH—Port C0 Interrupt Request Enable High Bit
Reserved—Must be 0.
C3ENL—Port C3 Interrupt Request Enable Low Bit
C2ENL—Port C2 Interrupt Request Enable Low Bit
C1ENL—Port C1 Interrupt Request Enable Low Bit
C0ENL—Port C0 Interrupt Request Enable Low Bit
Interrupt Edge Select Register
The Interrupt Edge Select (IRQES) register (Table 44) determines whether an interrupt is
generated for the rising edge or falling edge on the selected GPIO Port A or Port D input
pin.
IESx—Interrupt Edge Select x
0 = An interrupt request is generated on the falling edge of the PAx input or PDx.
1 = An interrupt request is generated on the rising edge of the PAx input PDx.
where x indicates the specific GPIO Port pin number (0 through 7).
Shared Interrupt Select Register
The Shared Interrupt Select (IRQSS) register (Table 45) determines the source of the
PADxS interrupts. The Shared Interrupt Select register (Table 45) selects between Port A
and alternate sources for the individual interrupts.
Table 43. IRQ2 Enable Low Bit Register (IRQ2ENL)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
C3ENL
C2ENL
C1ENL
C0ENL
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC8H
Table 44. Interrupt Edge Select Register (IRQES)
BITS
7
6
5
4
3
2
1
0
FIELD
IES7
IES6
IES5
IES4
IES3
IES2
IES1
IES0
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FCDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com