Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 24Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 25Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 26Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 27Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 28Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 29Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 30Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 31Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 32Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Pin Description
Z8 Encore! XP® F08xA Series
Product Specification
10
Transimpedance Amplifier
AMPINP/AMPINN
I
Transimpedance amplifier inputs. If enabled, these pins drive the positive
and negative amplifier inputs respectively.
AMPOUT
O
Transimpedance amplifier output. If enabled, this pin is driven by the on-
chip transimpedance amplifier.
Oscillators
XIN
I
External Crystal Input. This is the input pin to the crystal oscillator. A
crystal can be connected between it and the XOUT pin to form the
oscillator. In addition, this pin is used with external RC networks or external
clock drivers to provide the system clock.
XOUT
O
External Crystal Output. This pin is the output of the crystal oscillator. A
crystal can be connected between it and the XIN pin to form the oscillator.
Clock Input
CLKIN
I
Clock Input Signal. This pin may be used to input a TTL-level signal to be
used as the system clock.
LED Drivers
LED
O
Direct LED drive capability. All port C pins have the capability to drive an
LED without any other external components. These pins have
programmable drive strengths set by the GPIO block.
On-Chip Debugger
DBG
I/O
Debug. This signal is the control and data input and output to and from the
On-Chip Debugger.
The DBG pin is open-drain and requires an external pull-up resistor to
ensure proper operation.
Reset
RESET
I/O
RESET. Generates a Reset when asserted (driven Low). Also serves as a
reset indicator; the Z8 Encore! XP® forces this pin low when in reset. This
pin is open-drain and features an enabled internal pull-up resistor.
Power Supply
VDD
I
Digital Power Supply.
AVDD
I
Analog Power Supply.
Table 3. Signal Descriptions (Continued)
Signal Mnemonic
I/O
Description
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com