Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 98 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 98 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 94Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 95Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 96Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 97Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 98Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 99Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 100Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 101Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 102Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Watch-Dog Timer
Z8 Encore! XP® F08xA Series
Product Specification
80
Watch-Dog Timer Refresh
When first enabled, the Watch-Dog Timer is loaded with the value in the Watch-Dog
Timer Reload registers. The Watch-Dog Timer counts down to 000000H unless a WDT
instruction is executed by the eZ8 CPU. Execution of the WDT instruction causes the
downcounter to be reloaded with the WDT Reload value stored in the Watch-Dog Timer
Reload registers. Counting resumes following the reload operation.
When the Z8 Encore! XP® F08xA Series devices are operating in DEBUG Mode (using
the On-Chip Debugger), the Watch-Dog Timer is continuously refreshed to prevent any
Watch-Dog Timer time-outs.
Watch-Dog Timer Time-Out Response
The Watch-Dog Timer times out when the counter reaches 000000H. A time-out of the
Watch-Dog Timer generates either an interrupt or a system reset. The WDT_RES Flash
Option Bit determines the time-out response of the Watch-Dog Timer. Refer to the chapter
“Flash Option Bits” on page 138
for information regarding programming of the WDT_RES
Flash Option Bit.
WDT Interrupt in Normal Operation
If configured to generate an interrupt when a time-out occurs, the Watch-Dog Timer issues
an interrupt request to the interrupt controller and sets the WDT status bit in the Watch-Dog
Timer Control register. If interrupts are enabled, the eZ8 CPU responds to the interrupt
request by fetching the Watch-Dog Timer interrupt vector and executing code from the
vector address. After time-out and interrupt generation, the Watch-Dog Timer counter
rolls over to its maximum value of FFFFFH and continues counting. The Watch-Dog
Timer counter is not automatically returned to its Reload Value.
The Reset Status Register (page 26) must be read before clearing the WDT interrupt. This
read clears the WDT timeout flag and prevents further WDT interrupts for immediately
occurring.
Table 55. Watch-Dog Timer Approximate Time-Out Delays
WDT Reload Value
(Hex)
WDT Reload Value
(Decimal)
Approximate Time-Out Delay
(with 10KHz typical WDT oscillator frequency)
Typical
Description
000004
4
400
µs
Minimum time-out delay
FFFFFF
16,777,215
28 minutes
Maximum time-out delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com