Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 90 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 90 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 86Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 87Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 88Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 89Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 90Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 91Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 92Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 93Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 94Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
72
Timer Control Register Definitions
Timer 0–1 High and Low Byte Registers
The Timer 0–1 High and Low Byte (TxH and TxL) registers (Tables 47 and 49) contain
the current 16-bit timer count value. When the timer is enabled, a read from TxH causes
the value in TxL to be stored in a temporary holding register. A read from TxL always
returns this temporary register when the timers are enabled. When the timer is disabled,
reads from the TxL reads the register directly.
Writing to the Timer High and Low Byte registers while the timer is enabled is not recom-
mended. There are no temporary holding registers available for write operations, so simul-
taneous 16-bit writes are not possible. If either the Timer High or Low Byte registers are
written during counting, the 8-bit written value is placed in the counter (High or Low
Byte) at the next clock edge. The counter continues counting from the new value.
TH and TL—Timer High and Low Bytes
These 2 bytes, {TH[7:0], TL[7:0]}, contain the current 16-bit timer count value.
Timer Reload High and Low Byte Registers
The Timer 0–1 Reload High and Low Byte (TxRH and TxRL) registers (Tables 49 and 51)
store a 16-bit reload value, {TRH[7:0], TRL[7:0]}. Values written to the Timer Reload
High Byte register are stored in a temporary holding register. When a write to the Timer
Reload Low Byte register occurs, the temporary holding register value is written to the
Timer High Byte register. This operation allows simultaneous updates of the 16-bit Timer
Table 47. Timer 0–1 High Byte Register (TxH)
BITS
7
6
5
4
3
2
1
0
FIELD
TH
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F00H, F08H
Table 48. Timer 0–1 Low Byte Register (TxL)
BITS
7
6
5
4
3
2
1
0
FIELD
TL
RESET
0
000
00
01
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F01H, F09H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com