Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 41 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 37Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 38Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 39Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 40Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 41Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 42Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 43Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 44Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Reset and STOP Mode Recovery
Z8 Encore! XP® F08xA Series
Product Specification
23
Figure 5.Voltage Brown-Out Reset Operation
The POR level is greater than the VBO level by the specified hysteresis value. This
ensures that the device undergoes a power on reset after recovering from a VBO condition.
Watch-Dog Timer Reset
If the device is in NORMAL or STOP mode, the Watch-Dog Timer can initiate a System
Reset at time-out if the WDT_RES Flash Option Bit is programmed to 1. This is the
unprogrammed state of the WDT_RES Flash Option Bit. If the bit is programmed to 0, it
configures the Watch-Dog Timer to cause an interrupt, not a System Reset, at time-out.
The WDT status bit in the WDT Control register is set to signify that the reset was initi-
ated by the Watch-Dog Timer.
External Reset Input
The RESET pin has a Schmitt-triggered input and an internal pull-up resistor. Once the
RESET pin is asserted for a minimum of 4 system clock cycles, the device progresses
through the System Reset sequence. Because of the possible asynchronicity of the system
clock and reset signals, the required reset duration may be as short as three clock periods
VCC = 3.3V
VPOR
VVBO
Internal RESET
signal
Program
Execution
Program
Execution
Voltage
Brownout
VCC = 3.3V
System Clock
WDT Clock
POR
counter delay
Note: Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com