Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 19Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 20Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 21Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 22Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 23Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 24Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 25Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 26Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Overview
Z8 Encore! XP® F08xA Series
Product Specification
5
Internal Precision Oscillator
The Internal Precision Oscillator (IPO) is a trimmable clock source that requires no exter-
nal components.
Crystal Oscillator
The crystal oscillator circuit provides highly accurate clock frequencies with the use of an
external crystal, ceramic resonator or RC network.
10-Bit Analog-to-Digital Converter
The optional Analog-to-Digital Converter (ADC) converts an analog input signal to a 10-
bit binary number. The ADC accepts inputs from 8 different analog input pins in both sin-
gle-ended and differential modes.
Analog Comparator
The analog comparator compares the signal at an input pin with either an internal pro-
grammable voltage reference or a second input pin. The comparator output can be used to
drive either an output pin or to generate an interrupt.
Temperature Sensor
The Temperature Sensor produces an analog output proportional to the device tempera-
ture. This signal can be sent to either the ADC or the analog comparator.
UART
The UART is full-duplex and capable of handling asynchronous data transfers. The UART
supports 8- and 9-bit data modes and selectable parity. The UART also supports multi-
drop address processing in hardware.
Timers
Two enhanced 16-bit reloadable timers can be used for timing/counting events or for
motor control operations. These timers provide a 16-bit programmable reload counter and
operate in One-Shot, Continuous, Gated, Capture, Capture Restart, Compare, Capture and
Compare, PWM Single Output and PWM Dual Output modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com