Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 51 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 51 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 47Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 48Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 49Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 50Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 51Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 52Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 53Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 54Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 55Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
33
Direct LED Drive
The Port C pins provide a current sinked output capable of driving an LED without requir-
ing an external resistor. The output sinks current at programmable levels of 3mA, 7mA,
13mA and 20mA. This mode is enabled through the Alternate Function sub-register AFS1
and is programmable through the LED control registers.
For correct function, the LED anode must be connected to VDD and the cathode to the
GPIO pin.
Using all Port C pins in LED drive mode with maximum current may result in excessive
total current. Refer to the “Electrical Characteristics” on page 191 for the maximum total
current for the applicable package.
Shared Reset Pin
On the 20 and 28-pin devices, the Port D0 pin shares function with a bi-directional reset
pin. Unlike all other I/O pins, this pin does not default to GPIO function on power-up.
This pin acts as a bi-directional reset until user software re-configures it. The Port D0 pin
is output-only when in GPIO mode.
Crystal Oscillator Override
For systems using a crystal oscillator, PA0 and PA1 are used to connect the crystal. When
the crystal oscillator is enabled (see “Oscillator Control Register Definitions” on page 163),
the GPIO settings are overridden and PA0 and PA1 are disabled.
5V Tolerance
In the 20- and 28-pin versions of this device, any pin which shares functionality with an
ADC, crystal or comparator port is not 5V-tolerant, including PA[1:0], PB[5:0] and
PC[2:0]. All other signal pins are 5V-tolerant, and can safely handle inputs higher than
VDD even with the pull-ups enabled.
External Clock Setup
For systems using an external TTL drive, PB3 is the clock source for 20- and 28-pin
devices. In this case, configure PB3 for alternate function CLKIN. Write the Oscillator
Control Register (page 163) such that the external oscillator is selected as the system clock
For 8-pin devices use PA1 instead of PB3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com