Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 86 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 86 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 82Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 83Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 84Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 85Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 86Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 87Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 88Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 89Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 90Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
68
The steps for configuring a timer for CAPTURE RESTART mode and initiating the count
are as follows:
1. Write to the Timer Control register to:
–
Disable the timer
–
Configure the timer for CAPTURE RESTART mode. Setting the mode also
involves writing to TMODEHI bit in TxCTL1 register.
–
Set the prescale value.
–
Set the Capture edge (rising or falling) for the Timer Input.
2. Write to the Timer High and Low Byte registers to set the starting count value
(typically 0001H).
3. Write to the Timer Reload High and Low Byte registers to set the Reload value.
4. Clear the Timer PWM High and Low Byte registers to 0000H. This allows user
software to determine if interrupts were generated by either a capture event or a
reload. If the PWM High and Low Byte registers still contain 0000H after the
interrupt, the interrupt was generated by a Reload.
5. Enable the timer interrupt, if appropriate, and set the timer interrupt priority by writing
to the relevant interrupt registers. By default, the timer interrupt is generated for both
input capture and reload events. If appropriate, configure the timer interrupt to be
generated only at the input capture event or the reload event by setting TICONFIG
field of the TxCTL1 register.
6. Configure the associated GPIO port pin for the Timer Input alternate function.
7. Write to the Timer Control register to enable the timer and initiate counting.
In CAPTURE mode, the elapsed time from timer start to Capture event can be calculated
using the following equation:
COMPARE Mode
In COMPARE mode, the timer counts up to the 16-bit maximum Compare value stored in
the Timer Reload High and Low Byte registers. The timer input is the system clock. Upon
reaching the Compare value, the timer generates an interrupt and counting continues (the
timer value is not reset to 0001H). Also, if the Timer Output alternate function is enabled,
the Timer Output pin changes state (from Low to High or from High to Low) upon Com-
pare.
If the Timer reaches FFFFH, the timer rolls over to 0000H and continue counting.
The steps for configuring a timer for COMPARE mode and initiating the count are as fol-
lows:
Capture Elapsed Time (s)
Capture Value
Start Value
–
() Prescale
×
System Clock Frequency (Hz)
----------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com