Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 69 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 69 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 65Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 66Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 67Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 68Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 69Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 70Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 71Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 72Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 73Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Interrupt Controller
Z8 Encore! XP® F08xA Series
Product Specification
51
Reserved—Must be 0.
T1I—Timer 1 Interrupt Request
0 = No interrupt request is pending for Timer 1.
1 = An interrupt request from Timer 1 is awaiting service.
T0I—Timer 0 Interrupt Request
0 = No interrupt request is pending for Timer 0.
1 = An interrupt request from Timer 0 is awaiting service.
U0RXI—UART 0 Receiver Interrupt Request
0 = No interrupt request is pending for the UART 0 receiver.
1 = An interrupt request from the UART 0 receiver is awaiting service.
U0TXI—UART 0 Transmitter Interrupt Request
0 = No interrupt request is pending for the UART 0 transmitter.
1 = An interrupt request from the UART 0 transmitter is awaiting service.
ADCI—ADC Interrupt Request
0 = No interrupt request is pending for the Analog-to-Digital Converter.
1 = An interrupt request from the Analog-to-Digital Converter is awaiting service.
Interrupt Request 1 Register
The Interrupt Request 1 (IRQ1) register (Table 33) stores interrupt requests for both vec-
tored and polled interrupts. When a request is presented to the interrupt controller, the cor-
responding bit in the IRQ1 register becomes 1. If interrupts are globally enabled (vectored
interrupts), the interrupt controller passes an interrupt request to the eZ8 CPU. If interrupts
are globally disabled (polled interrupts), the eZ8 CPU can read the Interrupt Request 1
register to determine if any interrupt requests are pending.
Table 32. Interrupt Request 0 Register (IRQ0)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
T1I
T0I
U0RXI
U0TXI
Reserved
Reserved
ADCI
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com